Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145WYCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8145WYCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145WYCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8145WYCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8145
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTION
PIN 1
INDICATOR
1
GND
2
REF_G
3
GAIN_G
4
IN+_G
5
IN–_G
6
REF_R
7
GAIN_R
8
GND
24 GND
23 OUT_B
22 OUT_G
21 OUT_R
20 VS+
19 COMPB_IN+
18 COMPB_IN–
17 GND
AD8145
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD ON UNDERSIDE OF DEVICE
MUST BE CONNECTED TO GROUND.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16, 17, 24, 25, 32
GND
Signal Ground and Thermal Plane Connection. (See the Absolute Maximum Ratings section.)
2
REF_G
Reference Input, Green Channel.
3
GAIN_G
Gain Connection, Green Channel.
4
IN+_G
Noninverting Input, Green Channel.
5
IN−_G
Inverting Input, Green Channel.
6
REF_R
Reference Input, Red Channel.
7
GAIN_R
Gain Connection, Red Channel.
10
IN+_R
Noninverting Input, Red Channel.
11
IN−_R
Inverting Input, Red Channel.
12
COMPA_IN+
Positive Input, Comparator A.
13
COMPA_IN−
Negative Input, Comparator A.
14
COMPA_OUT
Output, Comparator A.
15
COMPB_OUT
Output, Comparator B.
18
COMPB_IN−
Negative Input, Comparator B.
19
COMPB_IN+
Positive Input, Comparator B.
20
VS+
Positive Power Supply.
21
OUT_R
Output, Red Channel.
22
OUT_G
Output, Green Channel.
23
OUT_B
Output, Blue Channel.
26
VS−
Negative Power Supply.
27
DIS/PD
Disable/Power Down.
28
REF_B
Reference Input, Blue Channel.
29
GAIN_B
Gain Connection, Blue Channel.
30
IN+_B
Noninverting Input, Blue Channel.
31
IN−_B
Inverting Input, Blue Channel.
Exposed Underside Pad
GND
Signal Ground and Thermal Plane Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com