Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145WYCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8145WYCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145WYCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8145WYCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8145
Rev. A | Page 20 of 24
SYNC PULSE EXTRACTION USING COMPARATORS
The AD8134 encoding equations are given in Equation 4,
Equation 5, and Equation 6.
The AD8145 is particularly useful in KVM applications. KVM
networks transmit and receive computer video signals that typically
comprise red, green, and blue (RGB) video signals and separate
horizontal and vertical sync signals. Because the sync signals are
separate and not embedded in the color signals, it is advantageous
to transmit them using a simple scheme that encodes them among
the three common-mode voltages of the RGB signals. The AD8134
triple differential driver is a natural complement to the AD8145
and performs the sync pulse encoding with the necessary
circuitry on-chip.
[
]
H
V
K
V
Red
CM
−
=
2
(4)
[
]
V
2
2
−
= K
V
Green
CM
(5)
[
]
H
V
K
V
Blue
CM
+
=
2
(6)
where:
Red VCM, Green VCM, and Blue VCM are the transmitted common-
mode voltages of the respective color signals.
K is an adjustable gain constant that is set by the AD8134.
V and H are the vertical and horizontal sync pulses, defined
with a weight of −1 when the pulses are in their low states and a
weight of +1 when they are in their high states.
The AD8134 data sheet contains further details regarding the
encoding scheme. Figure 44 illustrates how the AD8145 comparators
can be used to extract the horizontal and vertical sync pulses that
are encoded on the RGB common-mode voltages by the AD8134.
RECEIVED
RED VIDEO
HSYNC
RED CMV
GREEN CMV
BLUE CMV
50
Ω
50
Ω
1k
Ω
1k
Ω
VSYNC
RECEIVED
GREEN VIDEO
50
Ω
50
Ω
RECEIVED
BLUE VIDEO
50
Ω
50
Ω
RS
RS
475
Ω
47pF
47pF
Figure 44. Extracting Sync Signals from Received Common-Mode Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com