Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145WYCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8145WYCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145WYCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8145WYCPZ-R7 Datasheet HTML 1Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8145WYCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Speed, Triple Differential Receiver
with Comparators
AD8145
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2010 Analog Devices, Inc. All rights reserved.
FEATURES
High speed: 500 MHz, 2000 V/μs @ G = 1, VOUT = 2 V p-p
0.1 dB flatness out to 75 MHz
High CMRR: 69 dB @ 10 MHz
High differential input impedance: 1 MΩ
Wide input common-mode range: ±3.5 V (±5 V supplies)
On-chip, gain setting resistors can be configured for gain of 1 or 2
Fast settling: 15 ns to 0.1% @ 2 V p-p
Low input referred noise: 13 nV/√Hz
Disable feature
Small packaging: 32-lead, 5 mm × 5 mm LFCSP
AEC-Q10 qualified (AD8145W)
APPLICATIONS
RGB video receivers
YPbPr video receivers
Keyboard, video, mouse (KVM)
Unshielded twisted pair (UTP) receivers
Automotive driver assistance (AD8145W)
Automotive Infotainment (AD8145W)
FUNCTIONAL BLOCK DIAGRAM
OUT_G
OUT_B
OUT_R
COMPB_IN+
COMPB_IN–
GND
GND
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VS+
GND
REF_G
GAIN_G
IN+_G
IN–_G
REF_R
GAIN_R
GND
9
10111213141516
+
+
+
C
RR
A
B
C
C
RR
R
R
AD8145
Figure 1.
GENERAL DESCRIPTION
The AD8145 is a triple, low cost, differential-to-single-ended
receiver specifically designed for receiving red-green-blue (RGB)
video signals over twisted pair cable or differential printed circuit
board (PCB) traces. It can also be used to receive any type of
analog signal or high speed data transmission. Two auxiliary
comparators with hysteresis are provided that can be used to
decode video sync signals, which are encoded on the received
common-mode voltages, to receive digital signals or as general-
purpose comparators. The AD8145 can be used in conjunction
with the AD8133 or AD8134 triple differential drivers to provide a
complete low cost solution for RGB over Category 5 UTP cable
applications, including KVM.
The excellent common-mode rejection (69 dB @ 10 MHz) of
the AD8145 allows for the use of low cost, unshielded twisted
pair cables in noisy environments.
The AD8145 can be configured for a differential-to-single-ended
gain of 1 or 2 by connecting the GAIN_x pin of each channel to
its respective output (G = 1) or connecting it to a reference voltage
(G = 2), which is normally grounded.
A REF_x input is provided on each channel that allows designers to
level shift the output signals.
The AD8145W is the automotive grade version that is qualified
per the AEC-Q100 for use in automotive applications. See the
Automotive Products section for more details.
The AD8145 is available in a 5 mm × 5 mm, 32-lead LFCSP and
is rated to work over the extended industrial temperature range
of −40°C to +105°C.


Similar Part No. - AD8145WYCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-RL AD-AD8145YCPZ-RL Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
More results

Similar Description - AD8145WYCPZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Analog Devices
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
4/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com