Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line DRiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 5 Page - Analog Devices

  AD8321 Datasheet HTML 1Page - Analog Devices AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
0.3
0.6
70
Typical Performance Characteristics–AD8321
f = 65MHz
f = 10MHz
f = 42MHz
70
30
20
60
10
46D
23D
00D
71D
50
40
30
20
10
f = 10MHz
PD =1
0
–10
–0.3
–0.6
–20
–0.9
–30
–40
–1.2
0
8
16
24
32
40
48
56
64
72
0.1
1
10
100
1000
0
8
16
24
32
40
48
56
64
72
GAIN CONTROL – Decimal
FREQUENCY – MHz
GAIN CONTROL – Decimal
Figure 4. Gain Error vs. Gain Control
Figure 5. AC Response
Figure 6. Output Referred Noise vs.
Gain Control
–30
–47
PD = 1
MAX GAIN
(71D)
MIN GAIN
(00D)
10
fO = 65MHz
VIN = 0.137V p-p
(PIN = –15dBm)
(POUT = 11dBm @
MAX GAIN)
HD3
HD2
–59
–80
1
10
100
0
8
16
24
32
40
48
56
64
72
5
15
25
35
45
55
65
PIN =
(POUT
MAX
–14dBm
= 12dB
GAIN)
m @
PIN =
(POU
MAX
–15dB
T = 11dBm @
GAIN)
m
PIN =
(POUT
MAX
–13dBm
= 13dB
GAIN)
m @
PIN =
(POU
MAX
–17dB
T = 9dBm @
GAIN)
m
60
–40
–50
50
–50
40
–53
–60
30
–56
–70
20
FREQUENCY – MHz
GAIN CONTROL – Decimal
FUNDAMENTAL FREQUENCY – MHz
Figure 7. Output Referred Noise vs.
Figure 8. Harmonic Distortion vs.
Figure 9. Second Order Harmonic
Frequency
Gain Control
Distortion vs. Frequency for Various
Input Levels
20
30
–47
–59
–80
POUT = 11dBm
MAX GAIN
22
PIN =
(POUT
MAX
–13dB
= 13dB
GAIN)
m
m @
PIN = –14dBm
(POUT =
MAX G
12dBm
AIN)
@
PIN =
(POU
MAX
T
–15dB
GAIN)
= 11dBm @
m
PIN =
(POU
MAX
–17dB
T = 9dBm @
GAIN)
m
POUT = 11dBm
MAX GAIN
29
0
–50
28
27
–20
26
–53
–40
25
24
–56
–60
23
5
15
25
35
45
55
65
41.0
41.4
41.8
42.2
42.6
43.0
5
15
25
35
45
55
65
FUNDAMENTAL FREQUENCY – MHz
FREQUENCY – MHz
FREQUENCY – MHz
Figure 10. Third Order Harmonic
Figure 11. Two-Tone Intermodula-
Figure 12. Third Order Intercept vs.
Distortion vs. Frequency for Various
tion Distortion
Frequency
Input Levels
REV. A
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com