Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line DRiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8321 Datasheet HTML 9Page - Analog Devices AD8321 Datasheet HTML 10Page - Analog Devices AD8321 Datasheet HTML 11Page - Analog Devices AD8321 Datasheet HTML 12Page - Analog Devices AD8321 Datasheet HTML 13Page - Analog Devices AD8321 Datasheet HTML 14Page - Analog Devices AD8321 Datasheet HTML 15Page - Analog Devices AD8321 Datasheet HTML 16Page - Analog Devices AD8321 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8321
TP1
VIN–
C14
10
�F
C15
0.1
�F
VCT
AD8321
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
C1
0.1
�F
TP4
TP6
SDATA
TP7
C12
1000pF
R6
TP8
DATEN
TP9
C4
C7
C8
C9
TPa
Cc
0.1
�F
TPc
Jb
VCC
CLK
PD
GND
V1
1k
�
V2
1k
�
C16
1000pF
C17
1000pF
P1–7
P1–8
P1–3
P1–2
P1–6
P1–5
R8
R9
C6
10
�F
C10
0.1
�F
VCC
TP5
C10
C5
Rb
C11
C2
0.1
�F
Rc
Re
Rd
V1
V2
75
�
Cb
0.1
�F
b
Vct
TP12
TPd
Rf
10k
�
Ce
0.1
�F
TPe
TP13
AS128-73
SWb
Cd
0.1
�F
NOTE:
BYPASS CAPACITORS C4, C5, C7,
C8, C9, C10 AND C11 ARE 0.1
�F.
R1
82.5
�
J3
TO
DIPLEXER
Figure 28. AD8321-EVAL Schematic of Single-Ended Inverting Input, Upstream PA Driver Solution Using AD8321,
Matching Attenuator and Alpha Industries AS128-73 RF Switch
REV. A
–13–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com