Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line DRiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices AD8321 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8321
34
30
FREQUENCY – MHz
1
10
100
CL = 10pF
CL = 0pF
CL = 20pF
CL = 50pF
MAX GAIN
POUT = 11dBm
26
22
18
14
5V
75ns
MAX GAIN
VIN = 0V p-p
15mV
PD
VOUT
5V
75ns
MIN GAIN
VIN = 0V p-p
5mV
PD
VOUT
Figure 13. AC Response for Various
Figure 14. Power Up/Power Down
Figure 15. Power Up/Power Down
Capacitor Loads
Glitch
Glitch
5V
150ns
VIN = 0V p-p
MAX GAIN
tr(CLK) = 3ns
7.5mV
VOUT
DATEN
CLK
–100
0.1
–80
–60
0
1
10
100
1000
–40
–20
PD = 0
MAX GAIN
MIN GAIN
0.75V
30ns
MAX GAIN
VIN = 0V p-p – 0.137V p-p
200mV
VIN
VOUT
FREQUENCY – MHz
Figure 16. Clock Feedthrough
Figure 17. Input Signal Feedthrough
Figure 18. Output Settling Time Due
vs. Frequency
to Input Change
90
100
1.5V
30ns
MAX GAIN
0.5V
VOUT
VIN
85
FREQUENCY – MHz
1
10
100
PD = 1
PD = 0
90
80
80
PD = 0
PD =1
75
70
70
60
65
50
60
40
–50
–25
0
25
50
75
100
TEMPERATURE –
�C
Figure 19. Overload Recovery
Figure 20. Output Impedance vs.
Figure 21. Supply Current vs.
Frequency
Temperature
–6–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com