Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8366
Rev. A | Page 11 of 28
0
10
20
30
40
50
60
–3
–2
–1
0
1
2
3
4
5
POUT PER TONE (dBm)
GAIN CODE 0
GAIN CODE 63
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. OIP3 vs. Output Power (POUT) at Minimum and Maximum Gain
Codes, 10 MHz Frequency
0
10
20
30
40
50
60
70
80
90
100
–8
–7
–6
–5
–4
–3
–2
–1
012345
POUT PER TONE (dBm)
GAIN CODE 0
GAIN CODE 63
TA = +85°C
TA = +25°C
TA = –40°C
Figure 24. OIP2 vs. Output Power (POUT) at Minimum and Maximum Gain
Codes, 10 MHz Frequency
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–5 –4
–3
–2
–1
01
2345678
POUT (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
GAIN CODE 0
GAIN CODE 63
Figure 25. HD2 vs. Output Power (POUT) at Gain Code 0 and Gain Code 63,
10 MHz Frequency
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–3
–2
–1
012345
POUT PER TONE (dBm)
GAIN CODE 0
GAIN CODE 63
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. IMD3 vs. Output Power (POUT) at Minimum-to-Maximum Gain
Codes, 10 MHz Frequency
POUT PER TONE (dBm)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
GAIN CODE 0
GAIN CODE 63
TA = +85°C
TA = +25°C
TA = –40°C
Figure 27. IMD2 vs. Output Power (POUT) at Minimum and Maximum Gain
Codes, 10 MHz Frequency
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–5
–4
–3
–2
–1
0
1
2
3
4
5
POUT (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
GAIN CODE 0
GAIN CODE 63
Figure 28. HD3 vs. Output Power (POUT) for Gain Code 0 and Gain Code 63,
10 MHz Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com