Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8366
Rev. A | Page 17 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 50 shows the basic connections for operating the AD8366.
A voltage from 4.75 V to 5.25 V should be applied to the supply
pins. Each supply pin should be decoupled with at least one low
inductance, surface-mount ceramic capacitor of 0.1 μF placed as
close as possible to the device.
The differential input impedance is 200 Ω and sits at a nominal
common-mode voltage of VPOS/2. The inputs can be dc-coupled
or ac-coupled. If using direct dc coupling, the common-mode
voltage, VCM, can range from 1.5 V to VPOS/2.
The output buffers of the AD8366 are low impedance around
25 Ω designed to drive ADC inputs. The output common-mode
voltage defaults to VPOS/2; however, it can be adjusted by applying a
desired external voltage to VCMA/VCMB. The common-mode
voltage can be adjusted from 1.6 V to 3.0 V without significant
harmonic distortion degradation.
To enable the AD8366, the ENBL pin must be pulled high. Taking
ENBL low disables the device, reducing current consumption to
approximately 3 mA at ambient temperature.
VPSIA
IPPA
IPMA
ENBL
ICOM
IPMB
IPPB
VPSIB
BIT0/CS
BIT1/SDAT
BIT2/SCLK
BIT3
OCOM
BIT4
BIT5
DENA
VPOS
AD8366
VPOS
0.01µF
0.01µF
0.01µF
8200pF
8200pF
0.01µF
0.01µF
0.01µF
0.01µF
VPOS
0.1µF
0.1µF
VPOS
0.1µF
0.1µF
VPOS
0.1µF
0.1µF
CHANNEL A
OUTPUT
CHANNEL B
OUTPUT
CHANNEL A
INPUT
CHANNEL B
INPUT
Figure 50. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com