Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8366ACPZ-R7
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8366
Rev. A | Page 15 of 28
CIRCUIT DESCRIPTION
The AD8366 is a dual, differential, digitally controlled VGA
with 600 MHz of 3 dB bandwidth and a gain range of 4.5 dB to
20.25 dB adjustable in 0.25 dB steps. Using a proprietary variable
gain architecture, the AD8366 is able to achieve excellent linearity
(45 dBm) and noise performance (11.7 nV/√Hz) at 10 MHz at
minimum gain. Intended for use in direct conversion systems, the
part also includes dc offset correction that can be disabled easily
by grounding either OFSA or OFSB. In addition, the part offers
an adjustable output common-mode range of 1.6 V to 3 V.
The main signal path is shown in Figure 46. It consists of an
input transconductance, a variable-gain cell, and an output
transimpedance amplifier.
100Ω
100Ω
12.5Ω
12.5Ω
VARIABLE
CURRENT-GAIN
STAGE
OUTPUT
BUFFER
Z
AI
VIRTUAL
GROUND
VIRTUAL
GROUND
INP
INM
OUTP
OUTM
Figure 46. Main Signal Path
The input transconductance provides a broadband 200 Ω
differential termination and converts the input voltage to a
current. This current is fed into the variable current-gain cell.
The output of this cell goes into the transimpedance stage, which
generates the output voltage. The transimpedance is fixed at 500 Ω,
with a roughly 25 Ω differential output impedance.
INPUTS
The inputs to the digitally-controlled VGAs in the AD8366 are
differential and can be either ac- or dc-coupled. The AD8366
synthesizes a 200 Ω (differential) input impedance, with a return
loss (re: 200 Ω) of better than 10 dB to 200 MHz. The nominal
common-mode input voltage to the part is VPOS/2, but the AD8366
can be dc-coupled to parts with lower common modes if these
parts can sink current. The amount of current sinking required
depends on the input common-mode level and is given by
ISINK (per leg) = (VPOS/2 − VICM)/100
The input common-mode range is 1.5 V to VPOS/2.
OUTPUTS
The outputs of the digitally-controlled VGAs are differential and
can be either ac- or dc-coupled. The AD8366 synthesizes a 25 Ω
differential output impedance, with a return loss (re: 25 Ω) of
better than 10 dB to 120 MHz. The nominal common-mode
output voltage is VPOS/2; however, it can be lowered or raised by
driving the VCMA or VCMB pins.
OUTPUT DIFFERENTIAL OFFSET CORRECTION
To prevent significant levels of offset from appearing at the
outputs of the AD8366, each digitally controlled VGA has a
differential offset correction loop, as shown in Figure 47. This
loop senses any differential offset at the output and corrects for
it by injecting an opposing current at the input differential ground.
The loop is able to correct for input dc offsets of up to ±20 mV.
Because the loop automatically nulls out any dc or low frequency
offset, the effect of the loop is to introduce a high-pass corner into
the transfer function of the digitally controlled VGA. The
location of this high-pass corner depends on both the gain
setting and the value of the capacitor connected to the OFSx pin
(OFSA for DVGA A and OFSB for DVGA B) and is given by
()
()
()
10
4000
1.037
4300
kHz
,
3
+
+
=
OFS
GC
HP
dB
C
f
where:
GC is the gain code (a value from 0 to 63).
COFS is the value of the capacitance connected to OFSA or OFSB,
in picofarads (pF).
The offset correction loop can be disabled by grounding either
OFSA or OFSB.
gm1
gm2
INP
INM
OFFSET
COMPENSATION
LOOP
VARIABLE-GAIN
STAGE
OUTPUT
BUFFER
Z
AI
OUTP
OUTM
COFS
Figure 47. Differential Offset Correction Loop
OUTPUT COMMON-MODE CONTROL
To interface to ADCs that require different input common-mode
voltages, the AD8366 has an adjustable output common-mode
level. The output common-mode level is normally set to VPOS/2;
however, it can be changed between 1.6 V and 3 V by driving
the VCMA pin or the VCMB pin. The input equivalent circuit
for the VCMA pin is shown in Figure 48; the VCMB pin has the
same input equivalent circuit.
4kΩ
500Ω
VPOS/2
VCMA
Figure 48. Input Equivalent Circuit for VCMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com