Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553ARMZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8553ARMZ-R2
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8553ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8553
Rev. A | Page 7 of 20
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TIME (ms)
VCC =5V
VCC =1.8V
VCC =5V
TURN ON TIME = 10µs
TURN ON TIME = 15µs
VCC =1.8V
GAIN = 100
FILTER = 1kHz
FILTER SETTLING
Figure 8. Input Offset Voltage vs. Turn-On Time
500µs/DIV
1kHz FILTER
10kHz FILTER
VCC = 5V, G = 1, 10, 100, 1000
VCC = 1.8V, G = 1, 10, 100, 1000
Figure 9. Small Signal Step Response
20
0
2
4
6
8
101214
16
18
VCC =5V
GAIN = 100, 1000
Figure 10. Input Offset Voltage (μV)
80
–20
03
TIME (µs)
–10
0
10
20
30
40
50
60
70
50
100
150
200
250
300
50
VCC =1.8V
VCC =5V
GAIN = 100
FILTER = 10kHz
FILTER SETTLING
Figure 11. Input Offset Voltage vs. Turn-On Time
500µs/DIV
10kHz FILTER
1kHz FILTER
VCC = 5V, G = 1, 10, 100, 1000
Figure 12. Large Signal Step Response
VCC =5V
GAIN = 100, 1000
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
Figure 13. Input Offset Voltage Drift (μV/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com