Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553ARMZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8553ARMZ-R2
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8553ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8553
Rev. A | Page 14 of 20
CIRCUIT DIAGRAMS/CONNECTIONS
+
–
R1
R2
C2
5
7
8
6
3
2
9
4
1
10
GND
GND
0.1µF
GND
VIN+
VIN–
C3
1µF
VOUT
R3
100
Ω
0.1µF
100k
Ω
100k
Ω
VS+
GND
R3 AND C3 VALUES ARE
RECOMMENDED TO DRIVE
AN A/D CONVERTER
VS+
AD8553
Figure 31. Single-Supply Connection Diagram Using Voltage Divider Reference
+
–
R1
R2
C2
5
7
8
6
3
2
9
4
1
10
VS–
GND
GND
0.1µF
0.1µF
0.1µF
GND
VS+
VIN+
VIN–
C3
1µF
VOUT
R3
100
Ω
R3 AND C3 VALUES ARE
RECOMMENDED TO DRIVE
AN A/D CONVERTER
VS–
AD8553
Figure 32. Dual-Supply Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com