Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553ARMZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8553ARMZ-R2
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8553ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8553ARMZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8553
Rev. A | Page 9 of 20
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 1
GAIN = 10
GAIN = 100
VCC = 1.8V
FILTER = 1kHz
Figure 20. Common-Mode Rejection (CMR) vs. Frequency
–2
0
4
6
8
10
12
14
16
18
20
2
VCC =1.8V
GAIN = 100, 1000
Figure 21. Input Offset Voltage (μV)
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60
VCC = 1.8V
GAIN = 10
Figure 22. Input Offset Voltage (μV)
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 1
GAIN = 10
GAIN = 100
VCC = 1.8V
FILTER = 10kHz
Figure 23. Common-Mode Rejection (CMR) vs. Frequency
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10
VCC = 1.8V
GAIN = 100, 1000
Figure 24. Input Offset Voltage Drift (μV/°C)
VCC = 1.8V
GAIN = 10
0
0.03 0.060.090.120.150.180.210.240.270.30
Figure 25. Input Offset Voltage Drift (μV/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com