Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244-40PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9244-40PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 8Page - Analog Devices AD9244-40PCB Datasheet HTML 9Page - Analog Devices AD9244-40PCB Datasheet HTML 10Page - Analog Devices AD9244-40PCB Datasheet HTML 11Page - Analog Devices AD9244-40PCB Datasheet HTML 12Page - Analog Devices AD9244-40PCB Datasheet HTML 13Page - Analog Devices AD9244-40PCB Datasheet HTML 14Page - Analog Devices AD9244-40PCB Datasheet HTML 15Page - Analog Devices AD9244-40PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 12 of 28
Jumper #
Single Channel
Settings, Default
(Bottom)
Demultiplexed
Settings
Dual-Channel
Settings
Single-Channel
Settings (Top)1
Description
J406
In
In
In
In
WRT_CLK2 is used to create write enable signal
for FIFOs, 0 Ω resistor (significant only for
interleave mode)
J503
In
In
In
In
Connect enable empty flag of top FIFO (U101)
to USB MCU, 0 Ω resistor
J504
Out
Out
Out
Out
N/A
J505
In
In
In
In
Connect enable full flag of top FIFO (U101)
to USB MCU, 0 Ω resistor
J506
Out
Out
Out
Out
N/A
J602
Out
Out
Out
Out
N/A
J603
In
In
In
In
N/A
1 Some jumpers can be a 0 Ω resistor instead of a physical jumper. This is shown in Table 5 in the jumper description column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com