Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244-40PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9244-40PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 12Page - Analog Devices AD9244-40PCB Datasheet HTML 13Page - Analog Devices AD9244-40PCB Datasheet HTML 14Page - Analog Devices AD9244-40PCB Datasheet HTML 15Page - Analog Devices AD9244-40PCB Datasheet HTML 16Page - Analog Devices AD9244-40PCB Datasheet HTML 17Page - Analog Devices AD9244-40PCB Datasheet HTML 18Page - Analog Devices AD9244-40PCB Datasheet HTML 19Page - Analog Devices AD9244-40PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 16 of 28
VCC
C201
0.1µF
C202
0.1µF
C203
0.1µF
C204
0.1µF
C205
0.1µF
C206
0.1µF
C207
0.1µF
C208
0.1µF
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
OE
RT
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
IW
SEN
WEN
DNC
VCC
DNC
GND
VCC
GND
VCC
VCC
GND
GND
VCC
GND
GND
VCC
14
20
3
4
44
46
48
5
51
54
55
58
7
9
17
16
15
13
12
11
10
8
19
18
6
45
47
49
50
52
53
56
57
41
42
43
59
60
2
1
U201
IDT72V283
TQFP80
BOTTOM FIFO
CHANNEL A
Q9
E202
E201
OE2
WEN2
D2_16
D2_17
VCC
Q7
Q8
Q10
Q11
Q13
Q14
Q15
Q16
Q17
Q12
D2_15
D2_14
D2_13
D2_12
D2_11
D2_10
D2_9
D2_8
R201
0Ω
R202
10kΩ
PC3
R203
DNP
R204
DNP
VCC
WRT_CLK2
Figure 7. Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com