Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244-40PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9244-40PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 19Page - Analog Devices AD9244-40PCB Datasheet HTML 20Page - Analog Devices AD9244-40PCB Datasheet HTML 21Page - Analog Devices AD9244-40PCB Datasheet HTML 22Page - Analog Devices AD9244-40PCB Datasheet HTML 23Page - Analog Devices AD9244-40PCB Datasheet HTML 24Page - Analog Devices AD9244-40PCB Datasheet HTML 25Page - Analog Devices AD9244-40PCB Datasheet HTML 26Page - Analog Devices AD9244-40PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 23 of 28
BILL OF MATERIALS
Table 6. HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Bill of Materials
Item
Qty
Reference Designation
Device
Package
Description
Manufacturer
Mfg Part Number
1
42
C101 to C109, C201 to C208,
C302, C303, C305, C306, C308,
C310, C311, C402 to C405,
C503, C506 to C517, C601
Capacitor
402
Ceramic, 0.1 μF, 16 V,
X5R, 10%
Panasonic
ECJ-0EB1C014K
2
3
C301, C307, C309
Capacitor
6032-28
Tantalum, 10 μF, 16 V,
10%
Kemet
T491C106K016AS
3
2
C312, C313
Capacitor
603
Ceramic, 1 μF, 10 V,
X5R, 10%
Panasonic
ECJ-1VB1A105K
4
1
C501
Capacitor
3216-18
Tantalum, 1 μF, 16 V,
20%
Panasonic
ECS-T1CY105R
5
1
C502
Capacitor
805
Ceramic, 2.2 μF, 25 V,
X5R 10%
Panasonic
ECJ-2FB1E225K
6
2
C504, C505
Capacitor
402
Ceramic, 12 pF,
NPO, 50 V, 5%
Panasonic
ECJ-0EC1H120J
7
1
CR301
Diode
DO-214AA
Schottky diode,
50 V, 2 A, SMC
Micro Commercial
Group
S2A
8
1
CR302
Diode
DO-214AB
Schottky diode,
30 V, 3 A, SMC
Micro Commercial
Group
SK33MSCT
9
2
CR303, CR501
LED
603
Green, 4 V 5 m,
candela
Panasonic
LNJ314G8TRA
10
1
CR502
Diode
SOD-123
Switching, 75 V,
150 mA
Diodes, Inc.
1N4148W-7
11
1
F301
Fuse
1210
6.0 V, 2.2 A trip current
resettable fuse
Tyco, Raychem
NANOSMDC110F-2
12
1
J104
Connector
120-pin, female,
PC mount, right angle
AMP
650874
13
1
J301
Connector
0.08”, PCMT
RAPC722, power
supply connector
Switchcraft
SC1153
14
1
J303
Connector
4-pin
Male, straight,
100 mil
SAMTEC
TSW-1-10-08-GD
15
4
J304, J305, J314, J315
Connector
3-pin
Male, straight, 100 mil
SAMTEC
TWS-103-08-G-S
16
8
J310 to J313, J401, J404, J406,
J603
Connector
603
2-pin solder jumper,
0 Ω, 1/10 W, 5%
Panasonic
ERJ-3GEY0R00V
17
1
J316
Connector
2-pin
Male, straight, 100 mil
SAMTEC
TSW-1002-08-G-S
18
1
J501
Connector
4-pin
USB, PC mount, right
angle, Type B, female
AMP
787780-1
19
1
L501
Ferrite
Bead
805
500 mA, 600 Ω @
100 MHz
Steward
HZ0805E601R-00
20
5
R101, R201, R524, R603, R604
Resistor
402
0 Ω, 1/16 W, 5%
Panasonic
ERJ-2GE0R00X
21
8
R102 to R04, R202, R508, R509,
R518, R4519
Resistor
402
10 kΩ, 1/16 W, 1%
Panasonic
ERJ-2RKF1002X
22
10
R301 to R304, R311, R313,
R314, R316, R521, R522
Resistor
402
332 Ω, 1/16 W, 1%
Panasonic
ERJ-2RKF3320X
23
2
R309, R310
Resistor
402
1 kΩ, 1/16 W, 1%
Panasonic
ERJ-2RKF1002X
24
2
R317, R503
Resistor
402
499 Ω, 1/16 W, 1%
Panasonic
ERJ-2RKF1001X
25
1
R401
Resistor
402
20 kΩ, 1/16 W, 1%
Panasonic
ERJ-2RKF4990X
26
8
R404, R405, R407, R408, R410,
R411, R413, R414
Resistor
402
49.9 Ω, 1/16 W, 1%
Panasonic
ERJ-2RKF2002X
27
4
R406, R409, R412, R415
Resistor
402
40.2 Ω, 1/16 W, 1%
Panasonic
ERJ-2RKF40R2X
28
1
R502
Resistor
402
100 kΩ, 1/16 W, 1%
Panasonic
ERJ-2RKF1003X
29
13
R504, R506, R507, R510 to R515,
R520, R525, R526
Resistor
402
24.9 Ω, 1/16 W, 1%
Panasonic
ERJ-2RKF24R9X
30
3
R516, R517, R523
Resistor
402
2 kΩ, 1/16 W, 1%
Panasonic
ERJ-2RKF2001X
31
1
RZ101
Resistor
Resistor array, 22 Ω,
1/4 W, 5%
Panasonic
EXB-2HV220JX
32
1
S501
Switch
Momentary (normally
open), 100 GE, 5 mm,
SPST
Panasonic
EVQ-PLDA15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com