Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP300BIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300BIDBVT
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TMP300BIDBVT Datasheet HTML 1Page - Texas Instruments TMP300BIDBVT Datasheet HTML 2Page - Texas Instruments TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TMP300
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SC70-6
DCK
BPN
TMP300
SOT23-6
DBV
T300
SC70-6
DCK
QWL
TMP300B
SOT23-6
DBV
DUDC
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Supply Voltage
V+
+18
V
Signal Input Terminals, Voltage(2)
–0.5 to (V+) + 0.5
V
Signal Input Terminals, Current(2)
±10
mA
Output Short-Circuit(3)
ISC
Continuous
Open-Drain Output
(V+) + 0.5
V
Operating Temperature
TA
–40 to +150
°C
Storage Temperature
TA
–55 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model (HBM)
4000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground.
2
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com