Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP300BIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300BIDBVT
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TMP300BIDBVT Datasheet HTML 1Page - Texas Instruments TMP300BIDBVT Datasheet HTML 2Page - Texas Instruments TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TMP300
www.ti.com
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS
At VS = 3.3V and TA = –40°C to +125°C, unless otherwise noted.
TMP300
TMP300B
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(1)
MAX(1)
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
VS = 2.35V to 18V
–40
+125
–40
+125
°C
Measurement Range
100 ×
100 ×
VS = 1.8V to 2.35V
–40
–40
°C
(VS – 0.95)
(VS – 0.95)
TRIP POINT
Total Accuracy
TA = –40°C to +125°C
±2
±4(2)
±2
±6
°C
RSET Equation
TC is in °C
RSET = 10 (50 + TC)/3
RSET = 10 (50 + TC)/3
k
Ω
HYSTERESIS SET INPUT
LOW Threshold
0.4
0.4
V
HIGH Threshold
VS – 0.4
VS – 0.4
V
HYSTSET = GND
5
5
°C
Threshold Hysteresis
HYSTSET = VS
10
10
°C
DIGITAL OUTPUT
Logic Family
CMOS
CMOS
Open-Drain Leakage Current
OUT = VS
10
10
mA
Logic Levels
VS = 1.8V to 18V, ISINK =
VOL
0.3
0.3
V
5mA
ANALOG OUTPUT
Accuracy
±2
±3
±2
±5
°C
Temperature Sensitivity
10
10
mV/°C
Output Voltage
TA = +25°C
720
750
780
720
750
780
mV
VTEMP Pin Output Resistance
210
210
k
Ω
POWER SUPPLY
VS = 1.8V to 18V,
Quiescent Current(3)
IQ
110
110
mA
TA = –40°C to +125°C
TEMPERATURE RANGE
VS = 2.35V to 18V
–40
+125
–40
+125
°C
Specified Range
TA
100 ×
100 ×
VS = 1.8V to 2.35V
–40
–40
°C
(VS – 0.95)
(VS – 0.95)
VS = 2.35V to 18V
–40
+150
–40
+150
°C
Operating Range
TA
100 ×
100 ×
VS = 1.8V to 2.35V
–50
–50
°C
(VS – 0.95)
(VS – 0.95)
Thermal Resistance
qJA
SC70
250
250
°C/W
SOT23-6
180
180
°C/W
(1)
100% of production is tested at TA = +85°C. Specifications over temperature range are ensured by design.
(2)
Shaded cells indicate characteristic performance difference.
(3)
See Figure 1 for typical quiescent current.
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com