Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP300BIDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300BIDBVT
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP300BIDBVT Datasheet HTML 2Page - Texas Instruments TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments TMP300BIDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R
=
SET
(T
0.01+0.5)
´
SET
3e
-6
R
ink
=
W
SET
10(50+T
)
SET
3
R
INT
210kW
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
Voltagesource
totesttrippoint.
TMP300
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
www.ti.com
APPLICATIONS INFORMATION
To set the TMP300 to trip at a preset value, calculate
The TMP300 is a thermal sensor designed for
the RSET resistor value according to Equation 1 or
over-temperature
protection
circuits
in
electronic
Equation 2:
systems. The TMP300 uses a set resistor to program
the trip temperature of the digital output. An additional
high-impedance
(210k
Ω)
analog
voltage
output
(1)
provides the temperature reading.
Where TSET is in °C; or
CALCULATING RSET
The set resistor (RSET) provides a threshold voltage
(2)
for the comparator input. The TMP300 trips when the
Where TSET is in °C.
VTEMP pin exceeds the TSET voltage. The value of the
set resistor is determined by the analog output
USING VTEMP TO TRIP THE DIGITAL OUTPUT
function and the 3mA internal bias current.
The analog voltage output can also serve as a
voltage input that forces a trip of the digital output to
simulate a thermal event. This simulation facilitates
easy system design and test of thermal safety
circuits, as shown in Figure 8.
Figure 8. Applying Voltage to Trip Digital Output
6
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com