Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4501SE Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD4501SE
Description  QUAD PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4501SE Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4501SE Datasheet HTML 1Page - Advanced Linear Devices ALD4501SE Datasheet HTML 2Page - Advanced Linear Devices ALD4501SE Datasheet HTML 3Page - Advanced Linear Devices ALD4501SE Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALD4501
Advanced Linear Devices
9-2
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25
oC V+ = +5V unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply Voltage
V+
212
V
Supply Current
IS
150
270
µA
Outputs Unloaded
Timing error / Astable mode
terr
1.0
2.6
%
C = 0.1
µF
Initial Accuracy
Drift with Temperature 1
∆t/∆T
10.0
ppm/
°CRA = 1KΩ
Drift with Supply Voltage 1
∆t/∆V+
0.1
%/V
RB = 1KΩ
Threshold Voltage
VTH
3.233
3.333
3.433
V
Trigger Voltage
VTRIG
1.567
1.667
1.767
V
Trigger Current 2
ITRIG
.01
0.4
nA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current 2
IRST
.01
0.4
nA
Threshold Current 2
ITH
.01
0.4
nA
Control Voltage Level
VCONT
3.233
3.333
3.433
V
Output Voltage Drop (Low)
VOL
0.2
0.4
V
ISINK = 10mA
Output Voltage Drop (High)
VOH
4.2
4.6
V
ISOURCE = -2mA
Rise Time of Output 1
tr
10
20
ns
RL = 10MΩ
Fall Time of Output 1
tf
10
20
ns
CL = 10pF
Discharge Transistor
IDL
.01
nA
Leakage Current
Discharge Voltage Drop
VDISC
0.5
1.0
V
I DISCHARGE = 40mA
0.2
0.4
V
I DISCHARGE = 15mA
Maximum Frequency
RA = 470Ω
Astable Mode
fMAX
2
MHz
RB = 200Ω
CT =100pF
Minimum Trigger Pulse Width1
tTRIG
50
100
ns
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PE, SE package
0
°C to + 70°C
DE package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
Notes:
1 Sample tested parameters.
2
Consists of junction leakage currents with strong temperature dependence.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com