Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4501SE Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD4501SE
Description  QUAD PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4501SE Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD4501SE Datasheet HTML 1Page - Advanced Linear Devices ALD4501SE Datasheet HTML 2Page - Advanced Linear Devices ALD4501SE Datasheet HTML 3Page - Advanced Linear Devices ALD4501SE Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALD4501
Advanced Linear Devices
9-3
TYPICAL PERFORMANCE CHARACTERISTICS
TIME DELAY IN THE MONOSTABLE MODE
AS A FUNCTION OF RA AND C
TIME DELAY
100ns 1
µs
1ms
1s
10s
1G
Ω
1M
Ω
10 mF
100 nF
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
TA = 25°C
10
µs 100µs
10ms 100ms
100s
RA
FREE RUNNING FREQUENCY AS A
FUNCTION OF RA, RB AND C
FREQUENCY (Hz)
1.0
1K
10K 100K
10M 100M
1M
10 mF
100 nF
100M
Ω
10M
Ω
1M
Ω
100K
Ω
10K
Ω
1K
Ω
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
10
0.1
100
TA = 25°C
( RA - 2RB )
FREQUENCY CHANGE IN THE ASTABLE MODE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
02
4
612
10
8
+4
+3
+2
+1
0
-1
-2
-3
-4
DISCHARGE OUTPUT SINK CURRENT AS A
FUNCTION OF DISCHARGE LOW VOLTAGE
DISCHARGE LOW VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
TA = 25°C
V+ = 12V
V+ = 2V
V+ = 5V
0
10
20
30
40
MINIMUM PULSE WIDTH
REQUIRED FOR TRIGGERING
800
600
500
400
300
200
100
0
700
LOWEST VOLTAGE LEVEL OF TRIGGER
PULSE ( % V+)
TA = 25°C
V+ = 2V
V+ = 5V
V+ = 12V
SUPPLY CURRENT AS A FUNCTION OF
SUPPLY VOLTAGE
300
180
150
120
90
60
30
0
210
240
270
T = - 40
°C
A
T = + 20
°C
A
T = + 85
°C
A
0
2
4
6
8
10
12
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com