Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4501SE Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD4501SE
Description  QUAD PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4501SE Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD4501SE Datasheet HTML 1Page - Advanced Linear Devices ALD4501SE Datasheet HTML 2Page - Advanced Linear Devices ALD4501SE Datasheet HTML 3Page - Advanced Linear Devices ALD4501SE Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALD4501
Advanced Linear Devices
9-4
TYPICAL PERFORMANCE CHARACTERISTICS
TYPICAL APPLICATIONS
Frequency f = 1.46/ ( RA + 2RB ) C
Duty Cycle DC = RB/ ( RA + 2RB )
Timer 4 oscillates in free running mode
( 50 % Duty Cycle ) and drives the trigger
inputs of timers 1,2,3, each with indepen-
dently set time delays.
Pulse Delay td = 1.1RC
QUAD ASTABLE MODE OPERATION
( FREE RUNNING OSCILLATOR )
QUAD MONOSTABLE MODE OPERATION
( ONE SHOT PULSE )
SYNCHRONIZED TIMING GENERATORS
OUTPUT SINK CURRENT AS A FUNCTION
OF OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
TA = 25°C
V+ = 2V
V+ = 5V
V+ = 12V
OUTPUT SOURCE CURRENT AS A
FUNCTION OF OUTPUT VOLTAGE
-1.0
-2.0
-5.0
-10
-20
-50
-100
-0.5
-0.5
-0.2
-0.1
-0.05
-0.02
-0.01
-0.2
-0.1
-1.0
OUTPUT VOLTAGE (V)
(REFERENCED TO V+)
V+ = 2V
V+ = 12V
V+ = 5V
V+
INPUT 1
INPUT 2
INPUT 3
INPUT 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DELAY 1
DELAY 4
DELAY 3
DELAY 2
R1
R2
R3
R4
C1
C2
C3
C4
V-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
C2
C1
C3
C4
OUT1
OUT2
OUT3
OUT4
V+
V+
RA1
RB1
RA2
RB2
RA3
RB3
RA4
RB4
V-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R
OUT 3
OUT 2
OUT 1
C
C
C
C
R
R
R
V+
TIMER 1
TIMER 2
TIMER 3
TIMER 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com