Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB2B7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXM2AB2B7
Description  miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM2AB2B7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXM2AB2B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Product data sheet
Performance Curves
RXM2AB2B7
RXM Miniature Relays
Electrical Durability of Contacts
Durability (inductive load) = durability (resistive load) x reduction coefficient.
Resistive AC load
X
Switching capacity (kVA)
Y
Durability (Number of operating cycles)
A
RXM2AB•••
B
RXM3AB•••
C
RXM4ΑΒ•••
D
RXM4GΒ•••
Reduction coefficient for inductive AC load (depending on power factor cos ϕ)
Y
Reduction coefficient (A)
Maximum switching capacity on resistive DC load
X
Voltage DC
Y
Current DC
A
RXM2AB•••
B
RXM3AB•••
C
RXM4ΑΒ•••
D
RXM4GΒ•••



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com