Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB2B7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RXM2AB2B7
Description  miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM2AB2B7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RXM2AB2B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM2AB2B7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7/9/2011
1
Product data sheet
Characteristics
RXM2AB2B7
miniature plug-in relay - Zelio RXM - 2 C/O - 24
V AC - 12 A - with LED
Main
Range of product
Zelio Relay
Series name
Miniature
Product or component
type
Plug-in relay
Device short name
RXM
Contacts operation
Standard
Control circuit voltage
24 V AC
[Ithe] conventional
enclosed thermal
current
12 A at <= 55 °C
Status LED
With
Control type
Pushbutton
Coil interference
suppression
Without
Utilisation coefficient
20 %
Sale per indivisible
quantity
10
Complementary
[Ui] rated insulation voltage
250 V conforming to IEC
300 V conforming to CSA
300 V conforming to UL
[Uimp] rated impulse withstand voltage
4 kV conforming to IEC 61000-4-5
Contacts material
Silver alloy (Ag/Ni)
[Ie] rated operational current
12 A (AC-1/DC-1) conforming to UL
12 A (AC-1/DC-1) NO conforming to IEC
6 A (AC-1/DC-1) NC conforming to IEC
Minimum switching current
10 mA
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
17 V
Resistive rated load
12 A at 250 V AC
12 A at 28 V DC
Maximum switching capacity
3000 VA, AC circuit
336 W, DC circuit
Minimum switching capacity
170 mW
Operating rate
<= 20 cyc/mn (under load)
<= 300 cyc/mn (no-load)
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles for resistive load
Average consumption in W
0.9 W, DC circuit
Average consumption in VA
1.2, AC circuit
Drop-out voltage threshold
>= 0.1 Uc (DC
>= 0.15 Uc (AC
Operating time
20 ms between coil de-energisation and making of the Off-delay contact (AC/DC)
20 ms between coil energisation and making of the On-delay contact (AC/DC)
Average resistance
180 Ohm, AC circuit at 20 °C +/- 15 %
Rated operational voltage limits
19.2...26.4 V AC
Protection category
RT I
Operating position
Any position
CAD overall width
21 mm
CAD overall height
27 mm


Similar Part No. - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
Aug 4, 2021
RXM2AB2B7PVM SCHNEIDER-RXM2AB2B7PVM Datasheet
183Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 10 A, 2 CO, with LED, with lockable test button, mixed terminals socket, 24 V AC
Aug 31, 2021
RXM2AB2B7PVS SCHNEIDER-RXM2AB2B7PVS Datasheet
185Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 12 A, 2 CO, with LED, with lockable test button, separate terminals socket, 24 V AC
Aug 31, 2021
More results

Similar Description - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
Aug 4, 2021
RXM2AB3F7 SCHNEIDER-RXM2AB3F7 Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 120 V AC
Aug 5, 2021
RXM2AB3B7 SCHNEIDER-RXM2AB3B7 Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V AC
Aug 31, 2021
RXM2AB3BD SCHNEIDER-RXM2AB3BD Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V DC
Aug 31, 2021
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com