Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB2B7 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # RXM2AB2B7
Description  miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
File Size   76.0 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM2AB2B7 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
Aug 4, 2021
RXM2AB2B7PVM SCHNEIDER-RXM2AB2B7PVM Datasheet
183Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 10 A, 2 CO, with LED, with lockable test button, mixed terminals socket, 24 V AC
Aug 31, 2021
RXM2AB2B7PVS SCHNEIDER-RXM2AB2B7PVS Datasheet
185Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 12 A, 2 CO, with LED, with lockable test button, separate terminals socket, 24 V AC
Aug 31, 2021
More results


Similar Description - RXM2AB2B7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RXM2AB2B7 SCHNEIDER-RXM2AB2B7 Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
Aug 4, 2021
RXM2AB3F7 SCHNEIDER-RXM2AB3F7 Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 120 V AC
Aug 5, 2021
RXM2AB3B7 SCHNEIDER-RXM2AB3B7 Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V AC
Aug 31, 2021
RXM2AB3BD SCHNEIDER-RXM2AB3BD Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V DC
Aug 31, 2021
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com