Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ30Z554-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 18Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 19Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 20Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 21Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 22Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
Charge Control Features
The bq30z554-R1 Charge Control features include:
Supports JEITA temperature ranges T1, T2, T3, T4, T5, T6. Reports charging voltage and charging current,
according to the active temperature range.
Handles more complex charging profiles. Allows for splitting the standard temperature range into two sub-
ranges, and allows for varying the charging current according to the cell voltage.
Reports the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts.
Determines the chemical state of charge of each battery cell using Impedance Track and can reduce the
charge difference of the battery cells in a fully charged state of the battery pack, gradually using the cell
balancing algorithm during rest and charging. This prevents fully charged cells from overcharging and causing
excessive degradation, and also increases the usable pack energy by preventing premature charge
termination.
Supports precharging/zero-volt charging
Supports charge inhibit and charge suspend if the battery pack temperature is out of temperature range.
Reports charging fault and also indicates charge status via charge and discharge alarms.
Gas Gauging
The bq30z554-R1 uses the Impedance Track technology to measure and calculate the available charge in
battery cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full
charge or discharge learning cycle required. See the Theory and Implementation of Impedance Track Battery
Fuel-Gauging Algorithm application report (SLUA364B) for further details.
Lifetime Data Logging Features
The bq30z554-R1 offers extended lifetime data logging where important measurements are stored for warranty
and analysis purposes. The data monitored includes lifetime:
Maximum cell voltage cell0, cell1, cell2, cell3
Minimum cell voltage cell0, cell1, cell2, cell3
Maximum cell voltage delta
Maximum charge and discharge current
Maximum average discharge current
Maximum average discharge power
Maximum cell temperature
Minimum cell temperature
Maximum cell temperature delta
Maximum device temperature
Minimum device temperature
Maximum FET temperature
Total accumulated safety events and last safety event in term of charging cycle
Total accumulated charging events and charging events
Total accumulated gauging events and gauging events
Total accumulated cell balancing time cell0, cell1, cell2, cell3
Total device firmware runtime
Accumulated runtime in JEITA undertemperature range
Accumulated runtime in JEITA low temperature range
Accumulated runtime in JEITA standard temperature range
Accumulated runtime in JEITA recommended temperature range
Accumulated runtime in JEITA high temperature range
Accumulated runtime in JEITA overtemperature range
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com