Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ30Z554-R1 Datasheet HTML 1Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 2Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 3Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 4Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 5Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
Check for Samples: bq30z554-R1
1
FEATURES
DESCRIPTION
The
bq30z554-R1
device
is
a
fully
integrated
2
Fully Integrated 2-Series, 3-Series, and 4-
Impedance Track™ gas gauge and analog monitoring
Series Li-Ion or Li-Polymer Cell Battery Pack
single-package solution that provides protection and
Manager and Protection
monitoring with authentication for 2-series, 3-series,
High Side N-CH Protection FET Drive
and 4-series cell Li-Ion battery packs. The bq30z554-
R1 device incorporates sophisticated algorithms that
Impedance Track™ Gas Gauging
offer cell balancing while charging or at rest.
Integrated Cell Balancing While Charging or At
Rest
The device communicates via an SBS v1.1 interface,
providing high accuracy cell parameter reporting and
PF Snapshot and Black Box Technology
control of battery pack operation, and can be
Analyze Returned Packs
designed into systems that require AC peak power
AC Peak Power Information Capability
(TURBO mode), using a method to ensure that
(TURBO Mode)
system performance is not disrupted.
SBS v1.1 Interface
An optimum balance of quick response hardware-
Low Power Modes
based protection along with intelligent CPU control
delivers an ideal pack solution. The device has
Low Power: < 180
μA
flexible user-programmable settings of critical system
Sleep < 76
μA
parameters, such as voltage, current, temperature,
Complete Set of Advanced Protections:
and cell imbalance, among other conditions.
Internal Cell Short
The bq30z554-R1 device has advanced charge
Cell Imbalance
algorithms, including JEITA support, enhanced cell
charging,
and
adaptive
charging
compensating
Cell Voltage
charge losses, enabling faster charging. In addition,
Overcurrent
the
bq30z554-R1
device
can
monitor
critical
Temperature
parameters over the life of the battery pack, tracking
usage conditions.
FET Protection
Sophisticated Charge Algorithms
A
general
purpose
output
is
used
for
power
interruption, employing an external push button
JEITA
switch.
Enhanced Charging
The advanced snapshot and black box functionality
Adaptive Charging
show critical information for analysis of returned
Cell Balancing While Charging or At Rest
battery packs.
General Purpose Output for Power Interrupt
SHA-1
authentication
with
secure
memory
for
Diagnostic Lifetime Data Monitor
authentication keys enables identification for genuine
SHA-1 Authentication
battery packs beyond doubt.
Small Package: TSSOP
APPLICATIONS
Notebook/Netbook PCs
Medical and Test Equipment
Portable Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ30Z554-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ30Z554-R1 TI2-BQ30Z554-R1 Datasheet
729Kb / 32P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
OCTOBER 2013
More results

Similar Description - BQ30Z554-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com