Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ30Z554-R1 Datasheet HTML 1Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 2Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 3Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 4Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 5Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
BAT
PACK
10k
3M
VC1
VC2
VC3
VC4
5m
VSS
SRN
SRP
PACK +
PACK
PRES
SMBC
SMBD
SMBD
SMBC
PRES
PTC
1k
1k
1k
1k
1k
VB
VL
VM
OUT
VDD
GND
0.1 F
0.1 F
0.1 F
VH
CD
100
100
200
100
200
REG33
REG25
Cell
Balancing
Current
Protections
Voltage
Protections
High Side
N-CH FET
Drive
FUSE
Control
Voltage
Protections
2.5V LDO
3.3V LDO
Internal Cell
Short
Detection
Lifetime
Data
Collection
Impedance
Track
Gauging
16-bit
Voltage
Sensing
16-bit
Current
Sensing
16-bit
Temperature
Sensing
Black Box
Recorder
JEITA
Charging
Algorithm
SHA-1
Authenti-
cation
¯¯¯¯¯
¯¯¯¯¯
SMBus 1.1
SBD 1.1
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
TYPICAL IMPLEMENTATION
Figure 1. bq30z554-R1 Implementation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com