Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19503KCS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19503KCS
Description  80 V N-Channel NexFET??Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19503KCS Datasheet(HTML) 4 Page - Texas Instruments

  CSD19503KCS Datasheet HTML 1Page - Texas Instruments CSD19503KCS Datasheet HTML 2Page - Texas Instruments CSD19503KCS Datasheet HTML 3Page - Texas Instruments CSD19503KCS Datasheet HTML 4Page - Texas Instruments CSD19503KCS Datasheet HTML 5Page - Texas Instruments CSD19503KCS Datasheet HTML 6Page - Texas Instruments CSD19503KCS Datasheet HTML 7Page - Texas Instruments CSD19503KCS Datasheet HTML 8Page - Texas Instruments CSD19503KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−75 −50 −25
0
25
50
75
100 125 150 175 200
TC - Case Temperature (ºC)
VGS = 6V
VGS = 10V
ID =60A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
−75 −50 −25
0
25
50
75
100 125 150 175 200
TC - Case Temperature (ºC)
ID = 250uA
G001
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 60A
TC = 125°C,I D = 60A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
Qg - Gate Charge (nC)
ID = 60A
VDS = 40V
G001
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD19503KCS
SLPS479 – DECEMBER 2013
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19503KCS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com