Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19503KCS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19503KCS
Description  80 V N-Channel NexFET??Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19503KCS Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD19503KCS Datasheet HTML 2Page - Texas Instruments CSD19503KCS Datasheet HTML 3Page - Texas Instruments CSD19503KCS Datasheet HTML 4Page - Texas Instruments CSD19503KCS Datasheet HTML 5Page - Texas Instruments CSD19503KCS Datasheet HTML 6Page - Texas Instruments CSD19503KCS Datasheet HTML 7Page - Texas Instruments CSD19503KCS Datasheet HTML 8Page - Texas Instruments CSD19503KCS Datasheet HTML 9Page - Texas Instruments CSD19503KCS Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CSD19503KCS
SLPS479 – DECEMBER 2013
www.ti.com
MECHANICAL DATA
KCS Package Dimensions
Notes:
1. All linear dimensions are in inches.
2. This drawing is subject to change without notice.
3. Lead dimensions are not controlled within "C" area.
4. All lead dimensions apply before solder dip.
5. The center lead is in electrical contact with the mounting tab.
6. The chamfer at "F" is optional.
7. Thermal pad contour at "G" optional with these dimensions.
8. "H" falls within JEDEC TO-220 variation AB, except for minimum lead thickness, minimum exposed pad
length, and maximum body length.
Table 1. Pin Configuration
Position
Designation
Pin 1
Gate
Pin 2 / Tab
Drain
Pin 3
Source
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19503KCS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com