Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19503KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19503KCS
Description  80 V N-Channel NexFET??Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19503KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19503KCS Datasheet HTML 1Page - Texas Instruments CSD19503KCS Datasheet HTML 2Page - Texas Instruments CSD19503KCS Datasheet HTML 3Page - Texas Instruments CSD19503KCS Datasheet HTML 4Page - Texas Instruments CSD19503KCS Datasheet HTML 5Page - Texas Instruments CSD19503KCS Datasheet HTML 6Page - Texas Instruments CSD19503KCS Datasheet HTML 7Page - Texas Instruments CSD19503KCS Datasheet HTML 8Page - Texas Instruments CSD19503KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 60A
TC = 125°C,I D = 60A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
Qg - Gate Charge (nC)
ID = 60A
VDS = 40V
G001
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
CSD19503KCS
www.ti.com
SLPS479 – DECEMBER 2013
80 V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD19503KCS
1
FEATURES
2
•
Ultra-Low Qg and Qgd
PRODUCT SUMMARY
•
Low Thermal Resistance
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
80
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
28
nC
•
Pb-Free Terminal Plating
Qgd
Gate Charge Gate to Drain
5.4
nC
•
RoHS Compliant
VGS = 6 V
8.8
m
Ω
RDS(on)
Drain-to-Source On Resistance
•
Halogen Free
VGS = 10 V
7.6
m
Ω
•
TO-220 Plastic Package
VGS(th)
Threshold Voltage
2.8
V
APPLICATIONS
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
TO-220 Plastic
•
Motor Control
CSD19503KCS
Tube
50
Tube
Package
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
This 80 V, 7.6 m
Ω, TO-220 NexFET™ power
TA = 25°C
VALUE
UNIT
MOSFET is designed to minimize losses in power
VDS
Drain-to-Source Voltage
80
V
conversion applications.
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
100
Pin Out Drawing
Continuous Drain Current (Silicon limited),
94
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
66
TC = 100°C
IDM
Pulsed Drain Current (1)
113
A
PD
Power Dissipation
188
W
TJ,
Operating Junction and
–55 to 175
°C
TSTG
Storage Temperature Range
Avalanche Energy, single pulse
EAS
140
mJ
ID = 53 A, L = 0.1 mH, RG = 25 Ω
(1) Pulse duration
≤ 300 μs, Duty cycle ≤ 1%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD19503KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
80 V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD19503KCS ISC-CSD19503KCS Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19503KCS TI2-CSD19503KCS Datasheet
1Mb / 13P
CSD19503KCS 80V N-Channel NexFET™ Power MOSFET
REVISED APRIL 2024
CSD19503KCS.B TI2-CSD19503KCS.B Datasheet
1Mb / 13P
CSD19503KCS 80V N-Channel NexFET™ Power MOSFET
REVISED APRIL 2024
More results

Similar Description - CSD19503KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET Power MOSFET
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
80 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com