Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 2 Page - Texas Instruments

  DM385 Datasheet HTML 1Page - Texas Instruments DM385 Datasheet HTML 2Page - Texas Instruments DM385 Datasheet HTML 3Page - Texas Instruments DM385 Datasheet HTML 4Page - Texas Instruments DM385 Datasheet HTML 5Page - Texas Instruments DM385 Datasheet HTML 6Page - Texas Instruments DM385 Datasheet HTML 7Page - Texas Instruments DM385 Datasheet HTML 8Page - Texas Instruments DM385 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
• General-Purpose Memory Controller (GPMC)
• Four Inter-Integrated Circuit (I2C Bus™) Ports
– 8- or 16-Bit Multiplexed Address and Data
• Two Multichannel Audio Serial Ports (McASP)
Bus
– Six Serializer Transmit and Receive Ports
– 512MB of Total Address Space Divided
– Two Serializer Transmit and Receive Ports
Among up to 8 Chip Selects
– DIT-Capable For S/PDIF (All Ports)
– Glueless Interface to NOR Flash, NAND
• Four Audio Tracking Logic (ATL) Modules
Flash (BCH/Hamming Error Code Detection),
• Real-Time Clock (RTC)
SRAM and Pseudo-SRAM
– One-Time or Periodic Interrupt Generation
– Error Locator Module (ELM) Outside of
• Up to 125 General-Purpose I/O (GPIO) Pins
GPMC to Provide up to 16-Bit or 512-Byte
• One Spin Lock Module with up to 128 Hardware
Hardware ECC for NAND
Semaphores
– Flexible Asynchronous Protocol Control for
• One Mailbox Module with 12 Mailboxes
Interface to FPGA, CPLD, ASICs, and More
• On-Chip ARM ROM Bootloader (RBL)
• Enhanced Direct Memory Access (EDMA)
• Power, Reset, and Clock Management
Controller
– SmartReflex™ Technology (Level 2b)
– Four Transfer Controllers
– Multiple Independent Core Power Domains
– 64 Independent DMA Channels
– Multiple Independent Core Voltage Domains
– 8 QDMA Channels
– Support for Multiple Operating Points per
• Ethernet Switch with Dual 10-, 100-, or
Voltage Domain
1000-Mbps External Interfaces (EMAC
Software)
– Clock Enable and Disable Control for
Subsystems and Peripherals
– IEEE 802.3 Compliant (3.3-V I/O Only)
• 32KB of Embedded Trace Buffer™ (ETB™) and
– MII/RMII/GMII/RGMII Media Independent
5-pin Trace Interface for Debug
Interfaces
• IEEE 1149.1 (JTAG) Compatible
– Management Data I/O (MDIO) Module
• 609-Pin Pb-Free BGA Package (AAR Suffix),
– Reset Isolation
0.8-mm Effective Pitch with Via Channel
– IEEE 1588 Time-Stamping and Industrial
Technology to Reduce PCB Cost (0.5-mm Ball
Ethernet Protocols
Spacing)
• Dual USB 2.0 Ports with Integrated PHYs
• 45-nm CMOS Technology
– USB2.0 High- and Full-Speed Clients
• 1.8- and 3.3-V Dual Voltage Buffers for General
– USB2.0 High-, Full-, and Low-Speed Hosts
I/O
– Supports End Points 0-15
• One PCI Express 2.0 Port with Integrated PHY
– Supported on
•
All DM385 Devices
•
DM388 Devices with PCIe Enabled
– Single Port with 1 Lane at 5.0 GT/s
– Configurable as Root Complex or Endpoint
• Eight 32-Bit General-Purpose Timers
(Timer1–8)
• One System Watchdog Timer (WDT0)
• Three Configurable UART/IrDA/CIR Modules
– UART0 with Modem Control Signals
– Supports up to 3.6864 Mbps
– SIR, MIR, FIR (4.0 MBAUD), and CIR
• Four Serial Peripheral Interfaces (SPIs) (up to
48 MHz)
– Each with Four Chip Selects
• Three MMC/SD/SDIO Serial Interfaces (up to
48 MHz)
– Supporting up to 1-, 4-, or 8-Bit Modes
2
High-Performance System-on-Chip (SoC)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com