Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 1 Page - Texas Instruments

  DM385 Datasheet HTML 1Page - Texas Instruments DM385 Datasheet HTML 2Page - Texas Instruments DM385 Datasheet HTML 3Page - Texas Instruments DM385 Datasheet HTML 4Page - Texas Instruments DM385 Datasheet HTML 5Page - Texas Instruments DM385 Datasheet HTML 6Page - Texas Instruments DM385 Datasheet HTML 7Page - Texas Instruments DM385 Datasheet HTML 8Page - Texas Instruments DM385 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
DM385 and DM388 DaVinci™ Digital Media Processor
Check for Samples: DM385, DM388
1
High-Performance System-on-Chip (SoC)
1.1
Features
1234
• High-Performance DaVinci Digital Media
• Programmable High-Definition Video Image
Processors
Coprocessing (HDVICP v2) Engine
– Up to 1000-MHz ARM® Cortex™-A8 RISC
– Encode, Decode, Transcode Operations
Processor
– H.264 BP/MP/HP, MPEG-2, VC-1, MPEG-4
– Up to 2000 ARM Cortex-A8 MIPS
SP/ASP, JPEG/MJPEG
• ARM Cortex-A8 Core
– Fourth-Generation Motion-Compensated
Noise Filter (DM388 Only)
– ARMv7 Architecture
• Media Controller
•
In-Order, Dual-Issue, Superscalar
Processor Core
– Controls the HDVPSS, HDVICP2, and ISS
•
NEON™ Multimedia Architecture
• Endianness
•
Supports Integer and Floating Point
– ARM Instructions and Data – Little Endian
•
Jazelle® RCT Execution Environment
• HD Video Processing Subsystem (HDVPSS)
• ARM Cortex-A8 Memory Architecture
– Two 165-MHz HD Video Capture Inputs
– 32KB of Instruction and Data Caches
•
One 16- or 24-Bit Input, Splittable Into
Dual 8-Bit SD Capture Ports
– 256KB of L2 Cache with ECC
•
One 8-, 16-, or 24-Bit HD Input and 8-Bit
– 64KB of RAM, 48KB of Boot ROM
SD Input Capture Port
• 256KB of On-Chip Memory Controller (OCMC)
– Two 165-MHz HD Video Display Outputs
RAM
•
One 16-, 24-, or 30-Bit and One 16- or 24-
• Imaging Subsystem (ISS)
Bit Output
– Camera Sensor Connection
– Component HD Analog Output
•
Parallel Connection for Raw (up to 16-Bit)
– Composite Analog Output
and BT.656/BT.1120 (8- or 16-Bit)
– Digital HDMI 1.3 Transmitter with Integrated
•
CSI2 Serial Connection
PHY
– Image Sensor Interface (ISIF) for Handling
– Advanced Video Processing Features Such
Image and Video Data From the Camera
as Scan, Format, and Rate Conversion
Sensor
– Three Graphics Layers and Compositors
– Image Pipe Interface (IPIPEIF) for Image and
Video Data Connection Between Camera
• 32-Bit DDR2, DDR3, and DDR3L SDRAM
Sensor, ISIF, IPIPE, and DRAM
Interface
– Image Pipe (IPIPE) for Real-Time Image and
– Supports up to 400 MHz for DDR2, 533 MHz
Video Processing
for DDR3, and 533 MHz for DDR3L
– Resizer
– Up to Two x 16 Devices, 2GB of Total
Address Space
•
Resizing Image and Video From 1/16x to
8x
– Dynamic Memory Manager (DMM)
•
Generating Two Different Resizing
•
Programmable Multi-Zone Memory
Outputs Concurrently
Mapping
•
Hardware 3A Engine (H3A) for Generating
•
Enables Efficient 2D Block Accesses
Key Statistics for 3A (AE, AWB, and AF)
•
Supports Tiled Objects in 0°, 90°, 180°, or
Control
270° Orientation and Mirroring
• Face Detect (FD) Engine
– Hardware Face Detection for up to 35 Faces
Per Frame
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Device/BIOS, XDS are trademarks of Texas Instruments.
3
Skype is a trademark of Skype.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DM385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM385 TI1-DM385 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM385 TI-DM385 Datasheet
1Mb / 281P
DM385 and DM388 DaVinci??Digital Media Processor
DM385AAAR01 TI1-DM385AAAR01 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM385AAAR01F TI1-DM385AAAR01F Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM385AAAR11 TI1-DM385AAAR11 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
More results

Similar Description - DM385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
TMS320DM814x DaVinci Digital Media Processors
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
DM385 TI-DM385_15 Datasheet
1Mb / 281P
DM385 and DM388 DaVinci??Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com