Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DM385 Datasheet HTML 29Page - Texas Instruments DM385 Datasheet HTML 30Page - Texas Instruments DM385 Datasheet HTML 31Page - Texas Instruments DM385 Datasheet HTML 32Page - Texas Instruments DM385 Datasheet HTML 33Page - Texas Instruments DM385 Datasheet HTML 34Page - Texas Instruments DM385 Datasheet HTML 35Page - Texas Instruments DM385 Datasheet HTML 36Page - Texas Instruments DM385 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.2
Pin Assignments
The following table provides a summary of the device signal ball assignments and characteristics.
1. BALL NUMBER: Package ball number(s) associated with each signal(s).
2. BALL NAME: The name of the package ball or terminal.
Note: The table does not take into account subsystem terminal multiplexing options.
3. SIGNAL NAME: The signal name for that ball in the mode being used.
4. PINCNTL REGISTER NAME AND ADDRESS: The name and address of the register that controls the
pin’s internal pull-up/down resistors and multiplexing options.
5. PINCNTL DEFAULT VALUE: The default value of the PINCNTL after reset.
6. MODE: The setting of the MUXMODE[10:0] bits in the associated PINCNTL register that selects this
multiplexed signal option.
7. TYPE: Signal direction
–
I = Input
–
O = Output
–
I/O = Input/Output
–
D = Open drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
8. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0",
logic "1", or "PIN" level) when the peripheral pin function is not selected by any of the PINCNTLx
registers.
–
0: Logic 0 driven on the peripheral's input signal port.
–
1: Logic 1 driven on the peripheral's input signal port.
–
PIN: The value on the pin is driven to the peripheral's input signal port.
9. BALL RESET STATE: The state of the ball during device reset.
–
0: The buffer drives VOL (pulldown/pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown/pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance.
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
10. BALL RESET REL. STATE: The state of the ball following the device coming out of reset.
–
0: The buffer drives VOL (pulldown/pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown/pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance.
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
11. POWER: The voltage supply that powers the terminal’s I/O buffers.
12. HYS: Indicates if the input buffer is with hysteresis.
13. BUFFER TYPE: Drive strength of the associated output buffer.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
33
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com