Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR2000GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # HR2000GS
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  HR2000GS Datasheet HTML 1Page - Monolithic Power Systems HR2000GS Datasheet HTML 2Page - Monolithic Power Systems HR2000GS Datasheet HTML 3Page - Monolithic Power Systems HR2000GS Datasheet HTML 4Page - Monolithic Power Systems HR2000GS Datasheet HTML 5Page - Monolithic Power Systems HR2000GS Datasheet HTML 6Page - Monolithic Power Systems HR2000GS Datasheet HTML 7Page - Monolithic Power Systems HR2000GS Datasheet HTML 8Page - Monolithic Power Systems HR2000GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HR2000
Fluorescent Lamp HB Driver with PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
1
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The HR2000 is a fluorescent lamp ballast
controller with PFC function and high voltage
half-bridge driver. Only 16pin is used to offer
cost effective solutions with minimized external
components.
The HR2000 can properly drive the two
MOSFETs of half-bridge to control fluorescent
lamp, ensuring all the features at the same
time. The operating frequency is programmable
and the sweeping frequency is controlled to
limit the preheat current. The preheat time and
ignition time can be smartly set up for types of
lamps and applications. Sufficient protection
functions are provided for different fault modes
such as over voltage, over current, over
temperature, capacitive mode, end of life (EOL).
Preheat driving signal is offered in preheat state
to meet low power loss application which
usually needs a MOSFET to cut off filament
transformer.
The PFC part only uses 4 pins to realize PFC
function with On-time (Ton) control at boundary
conduction mode (BCM). It is suitable for wide
input range. Over voltage protection and over
current protection are integrated for the PFC
part.
The HR2000 is available in the 16-pin SOIC16
package.
FEATURES
PFC PART
•
Only four pins realize PFC function.
•
Ton control.
•
Boundary Conduction Mode operation.
•
Less peripheral components.
•
Over voltage and over current protection.
HALF-BRIDGE PART
•
600V bootstrap half-bridge driver.
•
Programmable preheat current.
•
Programmable preheat time.
•
Programmable ignition time.
•
Single ignition attempt.
•
Over voltage protection.
•
Over current protection.
•
End-Of-Life protection
•
Capacitive mode protection.
•
Minimized external components.
•
Over temperature protection
APPLICATIONS
•
Tube fluorescent lamp ballast
•
Compact fluorescent lamp ballast
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - HR2000GS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR21-27TP-6P HIROSE-HR21-27TP-6P Datasheet
213Kb / 4P
CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PX HIROSE-HR21-27TP-6PX Datasheet
213Kb / 4P
CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PY HIROSE-HR21-27TP-6PY Datasheet
213Kb / 4P
CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6S HIROSE-HR21-27TP-6S Datasheet
213Kb / 4P
CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6SX HIROSE-HR21-27TP-6SX Datasheet
213Kb / 4P
CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
More results

Similar Description - HR2000GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1871 TI-UC1871 Datasheet
466Kb / 6P
Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
Cold Cathode Fluorescent Lamp Driver
logo
Cirrus Logic
CRD1600-120W CIRRUS-CRD1600-120W Datasheet
59Kb / 1P
CS1600 120W, High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
Resonant Fluorescent Lamp Driver
logo
NXP Semiconductors
AN10958 PHILIPS-AN10958_15 Datasheet
2Mb / 56P
Fluorescent lamp driver with PFC using the UBA2015/16 family
Rev. 2-9 August 2012
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com