Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR2000GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # HR2000GS
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button HR2000GS Datasheet HTML 8Page - Monolithic Power Systems HR2000GS Datasheet HTML 9Page - Monolithic Power Systems HR2000GS Datasheet HTML 10Page - Monolithic Power Systems HR2000GS Datasheet HTML 11Page - Monolithic Power Systems HR2000GS Datasheet HTML 12Page - Monolithic Power Systems HR2000GS Datasheet HTML 13Page - Monolithic Power Systems HR2000GS Datasheet HTML 14Page - Monolithic Power Systems HR2000GS Datasheet HTML 15Page - Monolithic Power Systems HR2000GS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
12
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VO
PFC output control pin. Connect a resistor from this pin to the PFC output to set the PFC
output voltage. Connect a capacitor (or a R-C-C network) from this pin to GND for the
compensation of the PFC regulation loop.
2
ZCD
PFC inductor zero current detection pin.
3
OVC
PFC over voltage/current protection pin.
4
CT
Frequency setting capacitor pin. Connect a capacitor from this pin to GND to set the
frequency.
5
FC
Frequency control pin. It is voltage controlled oscillator (VCO) pin for controlling half bridge
frequency.
6
CP/EOL
Preheat/ignition timing pin and EOL detector. A capacitor from this pin to GND sets the
preheat time and ignition time. Before half-bridge works, it is discharged internally to GND. In
the preheat state and ignition state, a triangle waveform is generated on this pin and used as
a timer.
The voltage of the blocking capacitor is sensed to this pin to indicate the EOL condition.
After preheat and ignition state, the voltage at this pin is internally discharged to the middle
of the EOL window comparator’s reference, and then the lamp’s EOL information is under
monitoring. If EOL condition is confirmed, an internal current source charges the Pre/FT
pin’s capacitor.
7
REF
Internal reference current setting resistor pin. Connect a resistor from this pin to GND to set
the frequency.
8
Pre/FT
In the preheat state, this pin outputs a high level voltage to drive the external preheating
MOSFET. After this period, it is discharged to Vfault (reset2). Then it is used as a fault timer
to stop IC at fault condition. At fault condition, an internal current source charges up this pin,
and when its voltage hits the fault reference threshold, IC latches up.
Connect a capacitor on this pin to set the fault timer.
9
BST
Bootstrap voltage supply for half bridge level shifter. Connect a capacitor (usually 10nF to
100nF) between this pin and SW pin.
10
UG
Half bridge up side MOSFET driver.
11
SW
Half bridge floating middle point.
12
CS
Half bridge current sensor.
13
LG
Half bridge low side MOSFET driver.
14
VCC
Supply voltage of the IC.
15
GND
Ground
16
GATE
PFC GATE driver pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com