Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR2000GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # HR2000GS
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button HR2000GS Datasheet HTML 7Page - Monolithic Power Systems HR2000GS Datasheet HTML 8Page - Monolithic Power Systems HR2000GS Datasheet HTML 9Page - Monolithic Power Systems HR2000GS Datasheet HTML 10Page - Monolithic Power Systems HR2000GS Datasheet HTML 11Page - Monolithic Power Systems HR2000GS Datasheet HTML 12Page - Monolithic Power Systems HR2000GS Datasheet HTML 13Page - Monolithic Power Systems HR2000GS Datasheet HTML 14Page - Monolithic Power Systems HR2000GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
11
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Application Example.
VIN = 220VAC, 18W FL load, CCT=100pF, RREF=51kohm, CCP/EOL=100n, CFC=33nF, TA = 25°C, unless
otherwise noted.
VLG
10V/di
v.
VLAM P
500V/di
v.
VFT
10V/di
v.
VCS
1V/di
v.
Open Lamp Protection
VLG
10V/di
v.
VCS
500mV/di
v.
VLAM P
200V/di
v.
ISHO RT
1A/di
v.
Short Lamp and Recover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com