Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2004 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2004
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2004 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2004 Datasheet HTML 1Page - Monolithic Power Systems MP2004 Datasheet HTML 2Page - Monolithic Power Systems MP2004 Datasheet HTML 3Page - Monolithic Power Systems MP2004 Datasheet HTML 4Page - Monolithic Power Systems MP2004 Datasheet HTML 5Page - Monolithic Power Systems MP2004 Datasheet HTML 6Page - Monolithic Power Systems MP2004 Datasheet HTML 7Page - Monolithic Power Systems MP2004 Datasheet HTML 8Page - Monolithic Power Systems MP2004 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP2004-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
MP2004 Rev. 0.92
www.MonolithicPower.com
2
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION*
Part Number
VOUT1
VOUT2
Package
Temperature
Top Marking
MP2004DJ-JG-LF-Z
2.5V
1.8V
2B
MP2004DJ-ZS-LF-Z
5.0V
3.3V
2L
MP2004DJ-PN-LF-Z
3.0V
2.85V
3L
MP2004DJ-DD-LF-Z
1.85V
1.85V
4L
MP2004DJ-SJ-LF-Z
3.3V
2.5V
5L
MP2004DJ-MG-LF-Z
2.8V
1.8V
TSOT23-6
-40°C to +85°C
6L
* Other output voltage versions between 1.2V and 5.0V are available in 100mV increments. Contact factory for availability.
ORDERING GUIDE**
MP2004DJ-
-LF-Z
VOUT2
VOUT1
Package Type
J: TSOT23-6
**
For RoHS Compliant Packaging, add suffix - LF (e.g. MP2004DJ-
-LF); For Tape and Reel, add suffix -Z (e.g. MP2004DJ-
-
LF-Z).
OUTPUT
VOLTAGE
SELECTOR
GUIDE***
Code
VOUT
Code
VOUT
C
1.2
T
2.65
B
1.3
L
2.7
F
1.5
M
2.8
W
1.6
N
2.85
G
1.8
V
2.9
D
1.85
P
3.0
Y
1.9
Q
3.1
H
2.0
X
3.15
E
2.1
R
3.2
J
2.5
S
3.3
K
2.6
Z
5.0
*** Code in Bold are standard versions. For other output
voltages between 1.2V and 5.0V contact factory for availability.
Minimum order quantity on non-standard versions is 25,000
units.
PACKAGE REFERENCE
OUT1
TOP VIEW
IN
EN1
EN2
GND
12
3
4
5
6
OUT2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com