Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2004 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2004
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2004 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2004 Datasheet HTML 1Page - Monolithic Power Systems MP2004 Datasheet HTML 2Page - Monolithic Power Systems MP2004 Datasheet HTML 3Page - Monolithic Power Systems MP2004 Datasheet HTML 4Page - Monolithic Power Systems MP2004 Datasheet HTML 5Page - Monolithic Power Systems MP2004 Datasheet HTML 6Page - Monolithic Power Systems MP2004 Datasheet HTML 7Page - Monolithic Power Systems MP2004 Datasheet HTML 8Page - Monolithic Power Systems MP2004 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP2004-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
MP2004 Rev. 0.92
www.MonolithicPower.com
6
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
Figure1—Functional Block Diagram
OPERATION
The MP2004 integrates two low noise, low
dropout, low quiescent current and high PSRR
linear regulators. It is intended for use in devices
that require very low voltage, low quiescent
current power such as wireless LAN, battery-
powered equipment and hand-held equipment.
The MP2004 uses internal PMOSs as the pass
elements and features internal thermal shutdown and
an internal current limit circuit.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. Because the PMOS pass element
behaves as a low-value resistor, the dropout
voltage of MP2004 is very low.
Shutdown
The MP2004 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this
pin will turn the device on. When the EN pin is
low, the regulator output is off. The EN pin should
be tied to VIN to keep the regulator output always
on if the application does not require the
shutdown feature. Do not float the EN pin.
Current Limit
The MP2004 includes two independent current
limit structures which monitor and control each
PMOS’s gate voltage limiting the guaranteed
maximum output current to 200mA.
Thermal Protection
Thermal protection turns off the PMOS when the
junction temperature exceeds +140ºC, allowing
the IC to cool. When the IC’s junction
temperature drops by 10ºC, the PMOS will be
turned on again. Thermal protection limits total
power dissipation in the MP2004. For reliable
operation, junction temperature should be limited
to 125 ºC maximum.
Load-Transient Considerations
The output response of load-transient consists of
a DC shift and transient response. Because of
the excellent load regulation of MP2004, the DC
shift is very small. The output voltage transient
depends on the output capacitor’s value and the
ESR. Increasing the capacitance and decreasing
the ESR will improve the transient response.
Typical output voltage transient spike of MP2004
for a step change in the load current from 0mA to
80mA is tens mV.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com