Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2004 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2004
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2004 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2004 Datasheet HTML 1Page - Monolithic Power Systems MP2004 Datasheet HTML 2Page - Monolithic Power Systems MP2004 Datasheet HTML 3Page - Monolithic Power Systems MP2004 Datasheet HTML 4Page - Monolithic Power Systems MP2004 Datasheet HTML 5Page - Monolithic Power Systems MP2004 Datasheet HTML 6Page - Monolithic Power Systems MP2004 Datasheet HTML 7Page - Monolithic Power Systems MP2004 Datasheet HTML 8Page - Monolithic Power Systems MP2004 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP2004
Dual, Low Noise, High PSRR
200mA Linear Regulator
MP2004 Rev. 0.92
www.MonolithicPower.com
1
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2004 is a dual-channel, low noise, low
dropout and high PSRR linear regulator. The
output voltage of MP2004 ranges from 1.2V to
5V and 1% accuracy by operating from a +2.5V
to +6.0V input. The MP2004 can supply up to
200mA of load current at each channel.
The MP2004 uses an internal PMOS as the
pass element, which consumes 114μA supply
current (both LDOs on) at no load condition.
The EN1 and EN2 pins control each output
respectively. When both channels shutdown
simultaneously, the chip will be turned off and
consume nearly zero operation current which is
suitable for battery-power devices. The MP2004
features current limiting and over temperature
protection.
It is available in a small 6-pin TSOT23 package.
FEATURES
• Two LDOs in a TSOT23-6 Package
• Up to 200mA Output Current (Per Channel
• Two Enable Pins Control Each Output
• 69dB PSRR (100Hz)
• 95μVRMS Low Noise Output
• 110mV Dropout at 100mA Load
• Very Fast Transient Responses with Small
Output Capacitor
• Current Limiting and Thermal Protection
APPLICATIONS
• Cellular Phones
• Laptop PCs
• Hand-held Equipment
• Netbook Computing
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN2
EN1
OUT2
OUT1
IN
GND
OUT2
OUT1
EN1
EN2
MP2004
CIN
COUT2
COUT1
IN


Similar Part No. - MP2004

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GJ-LF-P MPS-MP20041DGT-GJ-LF-P Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
More results

Similar Description - MP2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Monolithic Power System...
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com