Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007DH Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2007DH
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007DH Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2007DH Datasheet HTML 1Page - Monolithic Power Systems MP2007DH Datasheet HTML 2Page - Monolithic Power Systems MP2007DH Datasheet HTML 3Page - Monolithic Power Systems MP2007DH Datasheet HTML 4Page - Monolithic Power Systems MP2007DH Datasheet HTML 5Page - Monolithic Power Systems MP2007DH Datasheet HTML 6Page - Monolithic Power Systems MP2007DH Datasheet HTML 7Page - Monolithic Power Systems MP2007DH Datasheet HTML 8Page - Monolithic Power Systems MP2007DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.9
www.MonolithicPower.com
4
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
DDQ
Power input for VTT regulator. Connect to GND through 10uF ceramic capacitor.
It is normally connected to the VDDQ of DDR memory rail.
2
VTT
Power output for the VTT LDO.
3
GND
Exposed
Pad
The exposed pad and GND pin must be connected to the same ground plane.
4
VTTSEN
Kelvin sensed feedback signal.
5
VDRV
Chip bias Voltage.
6
REF
LDO signal input for generating VDDQ/2 reference.
7
EN
VTT regulator enable input. High to enable the chip.
8
VTTREF
Buffered output for the system. The receiving end of the DDR memory cells needs this
signal for their input comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com