Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007DH Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2007DH
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007DH Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2007DH Datasheet HTML 3Page - Monolithic Power Systems MP2007DH Datasheet HTML 4Page - Monolithic Power Systems MP2007DH Datasheet HTML 5Page - Monolithic Power Systems MP2007DH Datasheet HTML 6Page - Monolithic Power Systems MP2007DH Datasheet HTML 7Page - Monolithic Power Systems MP2007DH Datasheet HTML 8Page - Monolithic Power Systems MP2007DH Datasheet HTML 9Page - Monolithic Power Systems MP2007DH Datasheet HTML 10Page - Monolithic Power Systems MP2007DH Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.9
www.MonolithicPower.com
7
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
DETAILED OPERATING DESCRIPTION
VREF
VDDQ
VTT
VTT
Regulation
& Deadband
Control
Current
Limiter
Current
Limiter
Soft-Start
VTTSEN
VDRV
UVLO
DDQ
DDQ
UVLO
VTTREF
VDRV
5V
VEN
GND
REF
EN
DDQ
VTTSEN
VTTREF
VTT
Figure 1—Functional Block Diagram
Control Logic
The internal control logic is powered by VDRV.
The IC is enabled whenever both VDDQ UVLO
and VDRV UVLO are pulled low. VTTREF output
begins to track VREF/2. When the VTTEN pin is
high, the VTT regulator is activated.
VTTREF Output
The VTTREF output tracks VREF/2 with
±2%
accuracy. It has source current capability of up to
15 mA. VTTREF should be bypassed to analog
ground of the device by 1.0
μF ceramic capacitor
for stable operation.
The VTTREF is turned on as long as both VDDQ
and VDRV are higher the UVLO threshold.
VTTREF features a soft-start and tracks VREF/2.
Output Voltages Sensing
The VTT output voltage is sensed across the
VTTSEN and GND pins. The VTTSEN should be
connected to the VTT regulation point, which is
usually the VTT local bypass capacitor, via a
direct sense trace. The GND should be
connected via a direct sense trace to the ground
of the VTT local bypass capacitor for load.
VDDQ UVLO Protection
For
VDDQ
undervoltage
lockout
(UVLO)
protection, the MP2007 monitors VDDQ voltage.
When the VDDQ voltage is lower than UVLO
threshold voltage, the VTT regulator is shut off.
Current Protection of VTT Active Terminator
To provide protection for the internal FETs, over
current limit(OCL) of 3A is implemented.
The LDO has a constant overcurrent limit (OCL)
at 3.5 A. This trip point is reduced to 1.0 A if the
output voltage drops below 1/3 of the target
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com