Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007DH Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2007DH
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007DH Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2007DH Datasheet HTML 1Page - Monolithic Power Systems MP2007DH Datasheet HTML 2Page - Monolithic Power Systems MP2007DH Datasheet HTML 3Page - Monolithic Power Systems MP2007DH Datasheet HTML 4Page - Monolithic Power Systems MP2007DH Datasheet HTML 5Page - Monolithic Power Systems MP2007DH Datasheet HTML 6Page - Monolithic Power Systems MP2007DH Datasheet HTML 7Page - Monolithic Power Systems MP2007DH Datasheet HTML 8Page - Monolithic Power Systems MP2007DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2007
3A, 1.3V–6.0V
DDR Memory Termination Regulator
MP2007 Rev. 0.9
www.MonolithicPower.com
1
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2007 integrates the DDR memory
termination regulator with the output voltage
(VTT) and a buffered VTTREF outputs is a half
of VREF.
The VTT-LDO is a 3A sink/source tracking
termination regulator. It is specifically designed
for
low-cost/low-external
component
count
systems, where space is a premium.
The MP2007 maintains a fast transient
response only requiring 20uF (2x10uF) of
ceramic output capacitance. The MP2007
supports Kelvin sensing functions.
The MP2007 is available in the 8-pin MSOP with
Exposed PAD package and is specified from
−40oC to 85oC.
FEATURES
•
VDDQ Voltage Range: 1.3V to 6.0 V
•
Up to 3A Integrated Sink/Source Linear
Regulator with Accurate VREF/2 Divider
Reference for DDR Termination
•
Requires Only 20uF Ceramic Output
Capacitance
•
Drive Voltage Range: 4.5 V to 5.5 V
•
1.3V Input (VDDQ) Helps Reduce Total
Power Dissipation
•
Integrated Divider Tracks VREF for VTT
and VTTREF
•
Kelvin Sensing (VTTSEN)
•
±20mV Accuracy for VTT and VTTREF
•
Built-In Soft-Start, UVLO and OCL
•
Thermal Shutdown
APPLICATIONS
•
Notebook DDR2/3 Memory Supply and
Termination Voltage in ACPI Compliant
•
Active Termination Busses
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C4
0.1uF
C7
4.7uF
C1
10uF
1206
VTTEN
MP2007DH
REF
VDRV
VTTREF
VTTSEN
VTT
VDDQ
DDQ
5V
6
1
3
EN
GND
GND
R3
20
R2
100k
5
7
VTTREF
GND
VTT
C6
0.1uF
C9
NC
C3
10uF
1206
C2
10uF
1206
8
4
2


Similar Part No. - MP2007DH

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP2007 ZFSWITCHES-MP2007 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
MP200701 ZFSWITCHES-MP200701 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
MP200702 ZFSWITCHES-MP200702 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
MP200703 ZFSWITCHES-MP200703 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
2A, 1.3V.6.0V DDR Memory Termination Regulator
More results

Similar Description - MP2007DH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
3A DDR Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
3A DDR Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
2A, 1.3V.6.0V DDR Memory Termination Regulator
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Monolithic Power System...
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
MPS Industries, Inc.
MPQ20073 MPSIND-MPQ20073 Datasheet
415Kb / 12P
2A, 1.3V–6.0V DDR Memory Termination Regulator AEC-Q100 Qualified
Rev. 1.01 4/23/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com