Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2012 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2012
Description  Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2012 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2012 Datasheet HTML 1Page - Monolithic Power Systems MP2012 Datasheet HTML 2Page - Monolithic Power Systems MP2012 Datasheet HTML 3Page - Monolithic Power Systems MP2012 Datasheet HTML 4Page - Monolithic Power Systems MP2012 Datasheet HTML 5Page - Monolithic Power Systems MP2012 Datasheet HTML 6Page - Monolithic Power Systems MP2012 Datasheet HTML 7Page - Monolithic Power Systems MP2012 Datasheet HTML 8Page - Monolithic Power Systems MP2012 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2012 – 1.5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2012 Rev. 1.01
www.MonolithicPower.com
3
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN_= VIN, VFB = 0.9V
600
750
μA
Shutdown Current
VEN_= 0V, VIN = 6V
0.01
1
μA
Thermal Shutdown Trip Threshold
Hysteresis = 20°C
150
°C
EN Trip Threshold
-40°C ≤ TA ≤ +85°C
0.3
1.0
1.5
V
EN Input Current
VEN = 0V
0.1
1.0
μA
EN Input Current
VEN = 6V
6
μA
IN Undervoltage Lockout Threshold
Rising Edge
2.15
2.40
2.65
V
IN Undervoltage Lockout Hysteresis
160
mV
Regulated FB Voltage
TA = +25°C
-40°C≤ TA≤ +85°C
0.784
0.776
0.800
0.800
0.816
0.824
V
FB Input Bias Current
VFB = 0.8V
-50
-2
+50
nA
SW PFET On Resistance
ISW = 100mA
0.18
0.25
0.28
SW NFET On Resistance
ISW = -100mA
0.14
0.2
0.24
SW Leakage Current
VEN=0V; VIN=6V
VSW_=0V
-1
0.1
1
μA
SW Leakage Current
VEN=0V; VIN=6V
VSW_=6V
-5
1.5
5
μA
SW PFET Peak Current Limit
Duty Cycle=100%
Duty Cycle=50%
(6)
2.1
3.0
3.5
A
Switching Frequency
1.0
1.2
1.4
MHz
Notes:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback input. An external resistor divider from the output to GND, tapped to the FB
pin sets the output voltage.
2
GND,
Exposed Pad
Ground pin. Connect exposed pad to ground plane for proper thermal
performance.
3
SW
Switch node to the inductor.
4
PVIN
Input supply pin for power FET.
5
VIN
Input Supply pin for controller. Put small decoupling ceramic near this pin.
6
EN
Enable input, “High” enables MP2012. EN is pulled to GND with 1Meg internal resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com