Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2012 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2012
Description  Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2012 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2012 Datasheet HTML 1Page - Monolithic Power Systems MP2012 Datasheet HTML 2Page - Monolithic Power Systems MP2012 Datasheet HTML 3Page - Monolithic Power Systems MP2012 Datasheet HTML 4Page - Monolithic Power Systems MP2012 Datasheet HTML 5Page - Monolithic Power Systems MP2012 Datasheet HTML 6Page - Monolithic Power Systems MP2012 Datasheet HTML 7Page - Monolithic Power Systems MP2012 Datasheet HTML 8Page - Monolithic Power Systems MP2012 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2012 – 1.5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2012 Rev. 1.01
www.MonolithicPower.com
5
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.8V, L=3.3uH, TA = +25ºC, unless otherwise noted.
Input Ripple Voltage
VIN
50mV/div
Short Entry
Full Load
EN Start Up without Load
Short Recovery
No Load
Power Up without Load
Power Up with 1.5A Load
SW
2V/div
VOUT
2V/div
VIN
10V/div
EN
2V/div
IINDUCTOR
2A/div
SW
5V/div
VOUT
1V/div
VIN
5V/div
IINDUCTOR
1A/div
SW
5V/div
VOUT
1V/div
IINDUCTOR
1A/div
SW
5V/div
VOUT
1V/div
VIN
10V/div
IINDUCTOR
2A/div
SW
5V/div
VOUT
1V/div
VIN
5V/div
IINDUCTOR
1A/div
EN Start up with 1.5A Load
EN
2V/div
SW
5V/div
VOUT
1V/div
IINDUCTOR
1A/div
SW
2V/div
400ns/div
400ns/div
400us/div
Output Ripple Voltage
SW
2V/div
VOUT
20mV/div
IINDUCTOR
2A/div
Load Transient Response
I
OUT=0.75A-1.5A Step @ 1A/us
VOUT
20mV/div
IOUT
500mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com