Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2012 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2012
Description  Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2012 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2012 Datasheet HTML 1Page - Monolithic Power Systems MP2012 Datasheet HTML 2Page - Monolithic Power Systems MP2012 Datasheet HTML 3Page - Monolithic Power Systems MP2012 Datasheet HTML 4Page - Monolithic Power Systems MP2012 Datasheet HTML 5Page - Monolithic Power Systems MP2012 Datasheet HTML 6Page - Monolithic Power Systems MP2012 Datasheet HTML 7Page - Monolithic Power Systems MP2012 Datasheet HTML 8Page - Monolithic Power Systems MP2012 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2012 – 1.5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2012 Rev. 1.01
www.MonolithicPower.com
4
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.8V, L=3.3uH, TA = +25ºC, unless otherwise noted.
Load Regulation
Enable Supply Current vs.
Input Voltage
500
550
600
650
700
750
800
850
2.5
3 3.5
4 4.5
5 5.5
6
VIN(V)
Case Temperature Risevs.
Output Current
0
5
10
15
20
25
30
35
0
0.5
1
1.5
OUTPUT CURRENT (A)
DUTY CYCLE
Peak Current vs. Duty
LOAD CURRENT(A)
INPUT VOLTAGE (V)
Line Regulation
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
00.5
11.5
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
2 2.5
3 3.5
4 4.5 5 5.5 6
Io=0A
Io=0.75A
Io=1.5A
Vin=3V
Vin=5V
Efficiency vs.
Load Current
LOAD CURRENT(A)
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
Vin=5V
Vin=3V
1.5
2
2.5
3
3.5
4
4.5
40% 50% 60% 70% 80% 90% 100%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com