Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753ASTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9753ASTZ
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753ASTZ Datasheet(HTML) 4 Page - Analog Devices

  AD9753ASTZ Datasheet HTML 1Page - Analog Devices AD9753ASTZ Datasheet HTML 2Page - Analog Devices AD9753ASTZ Datasheet HTML 3Page - Analog Devices AD9753ASTZ Datasheet HTML 4Page - Analog Devices AD9753ASTZ Datasheet HTML 5Page - Analog Devices AD9753ASTZ Datasheet HTML 6Page - Analog Devices AD9753ASTZ Datasheet HTML 7Page - Analog Devices AD9753ASTZ Datasheet HTML 8Page - Analog Devices AD9753ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. B
–4–
AD9753
DIGITAL SPECIFICATIONS (T
MIN to TMAX, AVDD = DVDD = PLLVDD = CLKVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1
2.1
3
V
Logic 0
0
0.9
V
Logic 1 Current
–10
+10
µA
Logic 0 Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS), TA = 25
°C
1.0
0.5
ns
Input Hold Time (tH), TA = 25
°C
1.0
0.5
ns
Latch Pulsewidth (tLPW), TA = 25
°C
1.5
ns
Input Setup Time (tS, PLLVDD = 0 V), TA = 25
°C
–1.0
–1.5
ns
Input Hold Time (tH, PLLVDD = 0 V), TA = 25
°C
2.5
1.7
ns
CLK to PLLLOCK Delay (tD, PLLVDD = 0 V), TA = 25
°C
3.5
4.0
ns
Latch Pulsewidth (tLPW PLLVDD = 0 V), TA = 25
°C
1.5
ns
PLLOCK (VOH)
3.0
V
PLLOCK (VOL)
0.3
V
CLK INPUTS
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
Min CLK Frequency
*
6.25
MHz
*Min CLK Frequency applies only when using internal PLL. When PLL is disabled, there is no minimum CLK frequency.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com