Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753ASTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9753ASTZ
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753ASTZ Datasheet(HTML) 3 Page - Analog Devices

  AD9753ASTZ Datasheet HTML 1Page - Analog Devices AD9753ASTZ Datasheet HTML 2Page - Analog Devices AD9753ASTZ Datasheet HTML 3Page - Analog Devices AD9753ASTZ Datasheet HTML 4Page - Analog Devices AD9753ASTZ Datasheet HTML 5Page - Analog Devices AD9753ASTZ Datasheet HTML 6Page - Analog Devices AD9753ASTZ Datasheet HTML 7Page - Analog Devices AD9753ASTZ Datasheet HTML 8Page - Analog Devices AD9753ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. B
AD9753
–3–
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fDAC)
300
MSPS
Output Settling Time (tST) (to 0.1%)
1
11
ns
Output Propagation Delay (tPD)
1
1ns
Glitch Impulse
1
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (10% to 90%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
pA/
√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fDAC = 100 MSPS; fOUT = 1.00 MHz
0 dBFS Output
72
82
dBc
–6 dBFS Output
76
dBc
–12 dBFS Output
76
dBc
fDATA = 65 MSPS; fOUT = 1.1 MHz
2
77
dBc
fDATA = 65 MSPS; fOUT = 5.1 MHz
2
77
dBc
fDATA = 65 MSPS; fOUT = 10.1 MHz
2
76
dBc
fDATA = 65 MSPS; fOUT = 20.1 MHz
2
72
dBc
fDATA = 65 MSPS; fOUT = 30.1 MHz
2
68
dBc
fDAC = 200 MSPS; fOUT = 1.1 MHz
78
dBc
fDAC = 200 MSPS; fOUT = 11.1 MHz
75
dBc
fDAC = 200 MSPS; fOUT = 31.1 MHz
70
dBc
fDAC = 200 MSPS; fOUT = 51.1 MHz
70
dBc
fDAC = 200 MSPS; fOUT = 71.1 MHz
67
dBc
fDAC = 300 MSPS; fOUT = 1.1 MHz
78
dBc
fDAC = 300 MSPS; fOUT = 26.1 MHz
69
dBc
fDAC = 300 MSPS; fOUT = 51.1 MHz
65
dBc
fDAC = 300 MSPS; fOUT = 101.1 MHz
59
dBc
fDAC = 300 MSPS; fOUT = 141.1 MHz
58
dBc
Spurious-Free Dynamic Range within a Window
fDAC = 100 MSPS; fOUT = 1 MHz; 2 MHz Span
0 dBFS Output
82.5
92
dBc
fDAC = 65 MSPS; fOUT = 5.02 MHz; 2 MHz Span
85
dBc
fDAC = 150 MSPS; fOUT = 5.04 MHz; 4 MHz Span
85
dBc
Total Harmonic Distortion
fDAC = 100 MSPS; fOUT = 1.00 MHz
0 dBFS
–82
–71
dBc
fDAC = 65 MHz; fOUT = 2.00 MHz
–76
dBc
fDAC = 160 MHz; fOUT = 2.00 MHz
–76
dBc
Multitone Power Ratio (Eight Tones at 110 kHz Spacing)
fDAC = 65 MSPS; fOUT = 2.00 MHz to 2.77 MHz
0 dBFS Output
73
dBc
–6 dBFS Output
71
dBc
–12 dBFS Output
69
dBc
NOTES
1Measured single-ended into 50
Ω load.
2Single-Port Mode (PLL disabled, DIV0 = 1, DIV1 = 0, data on Port 1).
Specifications subject to change without notice.
DYNAMIC SPECIFICATIONS
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, CLKVDD = 3.3 V, IOUTFS = 20 mA,
Differential Transformer-Coupled Output, 50 V Doubly Terminated, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com