Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753ASTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9753ASTZ
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753ASTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9753ASTZ Datasheet HTML 5Page - Analog Devices AD9753ASTZ Datasheet HTML 6Page - Analog Devices AD9753ASTZ Datasheet HTML 7Page - Analog Devices AD9753ASTZ Datasheet HTML 8Page - Analog Devices AD9753ASTZ Datasheet HTML 9Page - Analog Devices AD9753ASTZ Datasheet HTML 10Page - Analog Devices AD9753ASTZ Datasheet HTML 11Page - Analog Devices AD9753ASTZ Datasheet HTML 12Page - Analog Devices AD9753ASTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
AD9753
–9–
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
18.18MHz/19.18MHz
@ 200MSPS
11.82MHz/12.82MHz
@ 130MSPS
27.27MHz/28.27MHz
@ 300MSPS
TPC 10. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC/11
fDAC (MHz)
90
70
85
300
50
80
60
50
100
150
200
250
75
65
55
TPC 13. SINAD vs. fDAC @
fOUT = 10 MHz, 0 dBFS
CODE
0
–0.4
4095
511
0
0.2
–0.2
1023 1535 2047
3071
–0.6
3583
0.6
2559
0.1
0.4
TPC 16. Typical INL
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 11. Two-Tone IMD (Third Order
Products) vs. AOUT @ fOUT = fDAC/5
fOUT (MHz)
75
65
50
160
20
0
70
60
55
40
60
80
100
120
45
40
140
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
TPC 14. SFDR vs. IOUTFS, fDAC =
300 MSPS @ 0 dBFS
CODE
4095
511
0
0.50
1023 1535 2047
3071
–0.02
3583
0.54
2559
0.46
0.42
0.38
0.34
0.30
0.26
0.22
0.18
0.14
0.10
0.06
0.02
TPC 17. Typical DNL
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
60MHz/61MHz
@ 300MSPS
26MHz/27MHz
@ 130MSPS
40MHz/41MHz
@ 200MSPS
TPC 12. Two-Tone IMD (to Nyquist)
vs. AOUT @ fOUT = fDAC/5
TEMPERATURE ( C)
75
65
50
90
–30
–50
70
60
55
–10
10
30
50
45
40
70
80
10MHz
40MHz
120MHz
80MHz
TPC 15. SFDR vs. Temperature,
fDAC = 300 MSPS @ 0 dBFS
FREQUENCY (MHz)
–10
–30
–80
20
0
–20
–40
–75
40
60
100
120
–95
–100
140
0
–50
–60
80
fDAC = 300MSPS
fOUT1 = 24MHz
fOUT2 = 25MHz
fOUT3 = 26MHz
fOUT4 = 27MHz
fOUT5 = 28MHz
fOUT6 = 29MHz
fOUT7 = 30MHz
fOUT8 = 31MHz
SFDR = 58dBc
MAGNITUDE = 0dBFS
0
TPC 18. Eight-Tone SFDR @ fOUT
≈
fDAC/11, fDAC = 300 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com