Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA226AIDGST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA226AIDGST
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226AIDGST Datasheet(HTML) 1 Page - Texas Instruments

  INA226AIDGST Datasheet HTML 1Page - Texas Instruments INA226AIDGST Datasheet HTML 2Page - Texas Instruments INA226AIDGST Datasheet HTML 3Page - Texas Instruments INA226AIDGST Datasheet HTML 4Page - Texas Instruments INA226AIDGST Datasheet HTML 5Page - Texas Instruments INA226AIDGST Datasheet HTML 6Page - Texas Instruments INA226AIDGST Datasheet HTML 7Page - Texas Instruments INA226AIDGST Datasheet HTML 8Page - Texas Instruments INA226AIDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
INA226
GND
V
BUS
ADC
V
I
A0
A1
Alert
SDA
SCL
C
0.1 F
BYPASS
m
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0V to 36V)
INA226
www.ti.com
SBOS547
– JUNE 2011
High-or Low-Side Measurement,
Bi-Directional CURRENT/POWER MONITOR with I2C
™ Interface
Check for Samples: INA226
1
FEATURES
DESCRIPTION
The INA226 is a current shunt and power monitor
23
•
SENSES BUS VOLTAGES FROM 0V TO +36V
with an I2C interface. The INA226 monitors both a
•
HIGH- OR LOW-SIDE SENSING
shunt
voltage
drop
and
bus
supply
voltage.
•
REPORTS CURRENT, VOLTAGE, AND POWER
Programmable calibration value, conversion times,
•
HIGH ACCURACY:
and averaging, combined with an internal multiplier,
enable direct readouts of current in amperes and
– 0.1% Gain Error (Max)
power in watts.
– 10μV Offset (Max)
•
CONFIGURABLE AVERAGING OPTIONS
The INA226 senses current on buses that can vary
from 0V to +36V, while the device obtains its power
•
16 PROGRAMMABLE ADDRESSES
from a single +2.7V to +5.5V supply, drawing a
•
OPERATES FROM 2.7 to 5.5V POWER SUPPLY
typical of 330
μA of supply current. The INA226 is
•
MSOP-10 PACKAGE
specified over the operating temperature range
of
–40°C to +125°C. The I2C interface features 16
APPLICATIONS
programmable addresses.
•
SERVERS
RELATED PRODUCTS
•
TELECOM EQUIPMENT
DESCRIPTION
DEVICE
•
COMPUTERS
Current/Power Monitor with Watchdog, Peak-Hold,
INA209
•
POWER MANAGEMENT
and Fast Comparator Functions
•
BATTERY CHARGERS
INA210, INA211,
Zer
ø-Drift, Low-Cost, Analog Current Shunt Monitor
INA212, INA213,
Series in Small Package
•
POWER SUPPLIES
INA214
•
TEST EQUIPMENT
Zer
ø-Drift, Bi-Directional Current Power Monitor with
INA219
Two-Wire Interface
High or Low Side, Bi-Directional Current/Power
INA220
Monitor with Two-Wire Interface
High-or Low-Side Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA226AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226AIDGST TI1-INA226AIDGST Datasheet
1Mb / 38P
Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA226AIDGST TI1-INA226AIDGST Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI2-INA226AIDGST Datasheet
1Mb / 40P
INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert
REVISED SEPTEMBER 2024
INA226AIDGST.A TI2-INA226AIDGST.A Datasheet
1Mb / 40P
INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert
REVISED SEPTEMBER 2024
INA226AIDGST.B TI2-INA226AIDGST.B Datasheet
1Mb / 40P
INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert
REVISED SEPTEMBER 2024
More results

Similar Description - INA226AIDGST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220BIDGSR TI1-INA220BIDGSR Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com