Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA226AIDGST Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA226AIDGST
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226AIDGST Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA226AIDGST Datasheet HTML 10Page - Texas Instruments INA226AIDGST Datasheet HTML 11Page - Texas Instruments INA226AIDGST Datasheet HTML 12Page - Texas Instruments INA226AIDGST Datasheet HTML 13Page - Texas Instruments INA226AIDGST Datasheet HTML 14Page - Texas Instruments INA226AIDGST Datasheet HTML 15Page - Texas Instruments INA226AIDGST Datasheet HTML 16Page - Texas Instruments INA226AIDGST Datasheet HTML 17Page - Texas Instruments INA226AIDGST Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
CAL =
0.00512
Current_LSB
R
SHUNT
·
Maximum Expected Current
2
15
Current_LSB =
INA226
SBOS547
– JUNE 2011
www.ti.com
PROGRAMMING THE INA226
An important aspect of the INA226 is that it does not necessarily measure current or power. The INA226
measures both the differential voltage applied between the VIN+ and VIN- input pins and the voltage applied to
the VBUS pin. In order for the INA226 to report both current and power values, the user must program the
resolution of the Current Register and the value of the shunt resistor present in the application to develop the
differential voltage applied between the input pins. The Power Register is internally set to be 25 times the
programmed Current_LSB. Both the Current_LSB and shunt resistor value are used in the calculation of the
Calibration Register value the INA226 uses to calculate the corresponding current and power values based on
the measured shunt and bus voltages.
The Calibration Register is calculated based on Equation 1. This equation includes the term Current_LSB. This is
the programmed value for the LSB for the Current Register. This is the value the user will use to convert the
value in the Current Register to the actual current in amps. The highest resolution for the Current Register can
be obtained by using the smallest allowable Current_LSB based on the maximum expected current as shown in
Equation 2. While this value will yield the highest resolution, it is common to select a value for the Current_LSB
to the nearest round number above this value to simplify the conversion of the Current Register and Power
Register to amps and watts respectively. The RSHUNT term is the value of the external shunt used to develop
the differential voltage across the input pins. The 0.00512 value in Equation 1 is an internal fixed value used to
ensure scaling is maintained properly.
(1)
(2)
Once the Calibration Register has been programmed, the Current Register and Power Register will be updated
accordingly based on the corresponding shunt voltage and bus voltage measurements. Until the Calibration
Register is programmed, the Current and Power Registers remain at zero.
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com